Electronic Components Datasheet Search
  English  ▼

X  

SHP0735P Datasheet(PDF) 2 Page - Tokyo Coil Engineering Co., LTD..

Part # SHP0735P
Description  Shield High Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TCE [Tokyo Coil Engineering Co., LTD..]
Direct Link  https://www.tokyocoil.com/
Logo TCE - Tokyo Coil Engineering Co., LTD..

SHP0735P Datasheet(HTML) 2 Page - Tokyo Coil Engineering Co., LTD..

  SHP0735P Datasheet HTML 1Page - Tokyo Coil Engineering Co., LTD.. SHP0735P Datasheet HTML 2Page - Tokyo Coil Engineering Co., LTD..  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended patterns
推奨パターン図
・ Low leakage flux by complete closed magnetic circuit structure.
・完全閉磁路構造により漏れ磁束が少ない
・ Correspond to large saturation current by high Bm Ni-Zn ferrite core.
・高B材Ni-Zn系フェライトコアによる高飽和電流対応
*1 Inductance is mesured at 100kHz,1V .
インダクタンス測定、100kHz、1V.
*2 DC Resistance is mesured at ambient temperature 25℃.
直流抵抗は周囲温度25℃において測定.
*3 DC_Current based upon 30% inductance reduction from the inithal value.
インダクタンスが初期値より-30%になる直流電流値.
*4 DC Current based upon 35℃ temperature rise.
温度上昇⊿T=35℃になる直流電流値.
*5 Operating temperature is -40~125℃(includes coil heating).
動作温度、-40~125℃(コイルの発熱を含む).
(耐熱温度切り替え中、別途相談して下さい。)
10
12
15
18
SHP0735P-F100A
SHP0735P-F150A
SHP0735P-F220A
SHP0735P-F470A
SHP0735P-F120A
SHP0735P-F180A
0.7
±20%
739
972
1.1
0.6
0.8
22
33
47
56
68
1.1
100
±20%
394
434
1.4
0.9
82
±20%
530
SHP0735P-F181A
SHP0735P-F221A
±20%
238
266
1.8
590
1.3
SHP0735P-F471A
330
470
SHP0735P-F330A
±20%
SHP0735P-F560A
SHP0735P-F680A
SHP0735P-F820A
SHP0735P-F121A
120
0.5
±20%
342
391
1.6
SHP0735P-F331A
150
180
220
SHP0735P-F151A
±20%
1126
1398
0.9
1.7
1.0
±20%
613
782
176
2.2
1.6
±20%
125
153
±20%
±20%
2.4
194
2.2
103
120
2.8
1.9
83
100
3.3
2.1
±20%
81
91
3.6
許容電流 [A]
部品番号
インダクタンス
[μH]
[%]
±20%
76
84
3.8
2.6
[mΩ]
抵抗[mΩ]
許容電流 [A]
最大直流
直流重畳
Temperature
     *1
     *2
     *2
温度上昇
Rise Current *4
Tolerance
DC Resistance
DC Resistance Max
Inductance
DC Superimposition
Current *3
Parts No.
許容差
直流抵抗
±20%
2629
3623
0.7
1397
1763
0.8
0.45
±20%
1257
1589
0.9
0.4
0.3
SHP0735P-F101A
±20%
2998
4301
0.6
1.1
0.5
±20%
DIMENSIONS / 外形寸法
SPECIFICATIONS / 仕様
Shield High Power Inductor
SHP0735P Series
FEATURES / 特長
(Unit: mm)
7.5±0.5
0.9±0.3
5.0
1.5
1.5
3.5MAX
(0.2)
TOKYO COIL ENGINEERING CO.,LTD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com