Electronic Components Datasheet Search
  English  ▼

X  

SX-SDMAC Datasheet(PDF) 1 Page - silex technology america, Inc.

Part # SX-SDMAC
Description  802.11ac Plus Bluetooth SDIO Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.

SX-SDMAC Datasheet(HTML) 1 Page - silex technology america, Inc.

  SX-SDMAC Datasheet HTML 1Page - silex technology america, Inc. SX-SDMAC Datasheet HTML 2Page - silex technology america, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chipset
Host Interface
Baseband Specications
Diagram:
Specications:
Radio Specications
Operating Temperature
Dimensions
Key Features:
Bluetooth Specications
Product Name
Operating Voltage
SX-SDMAC
802.11ac Plus Bluetooth SDIO Module
The Silex SX-SDMAC is a dual-band IEEE802.11a/b/g/n/ac WLAN
plus Bluetooth 5.0 BR/EDR/BLE “Smart Ready” SDIO module based
on the latest Qualcomm Atheros Technology. It integrates a
QCA9377 SoC with MAC, Baseband, RF, RF front end, and peripheral
circuitry. SX-SDMAC operates on a +3.3V main power supply and
selectable +1.8V/+3.3V IO power supply.
The SX-SDMAC comes in surface mount (SMT) and board to board
connector (B2B) form factors. The SX-SDMAC has a 50 ohm U.FL
connector as a connection interface for an external antenna. There
is also an option to use an onboard chip antenna for the surface
mount (SMT) version.
SX-SDMAC supports 802.11ac Wave 2 multi-user MIMO (MU-MIMO)
client which can increase the overall WLAN system performance.
SX-SDMAC provides an SDIO 3.0 interface for WLAN and a hi-speed
UART interface for BT.
The SX-SDMAC is a FCC/IC/CE/MIC certied module. In order to
expedite your product development process, Silex can provide
both hardware and software engineering services including
custom driver development, as well as turnkey product design and
manufacturing.
• LowPowerDual-Band1x1moduleforWi-Fi&BT
• BasedontheQCA9377-3chipset
• 802.11a/b/g/n/acWave2MU-MIMO
• Bluetooth5.0BR/EDR/LESmartReady
• SDIO3.0WLANhostinterface
• On-chipPowerManagementUnit(PMU)
• LinkRateupto433Mbps
• On-boardandu. antennaoptions
• Supportsenterprisesecurity,seamlessroamingandCCX
• Finetunedcalibrationpermodule
• FCC/IC/CE/MICmodularcertication
• Connectormount,surfacemount,andSDIOcardformfactor
PN: 141-20135-100
REV E. 20200326
5th Generation SDIO Wireless LAN plus Bluetooth Module
Connector Type
Antenna Conguration
SX-SDMAC-2830S R2 (On-board Antenna)
SX-SDMAC-2831S R2 (U.FL Antenna)
SX-SDMAC-2831C R2 (U.FL Antenna)
QCA9377-3
SDIO V 3.0 : WLAN
High Speed UART: Bluetooth
3.30 VDC +/- 5%
802.11b/g/n: 2.412 - 2.472 GHz
802.11a/n/ac: 5.180 - 5.825 GHz
Bluetooth: 2.402 – 2.480 GHz
CSMA/CA media access; DSSS, OFDM
BT5.0 BR/EDR/BLE “Smart Ready”
-40 - +85 °C
SX-SDMAC-2830S R2: 19.0 x 30.0 x 2.4 mm
SX-SDMAC-2831S R2: 19.0 x 22.0 x 2.4 mm
SX
-SDMAC-2831C R2: 24.0 x 24.0 x 4.8 mm
SMT: Direct solder pad 60 pins
B2B: 40 pins
1x1 mode (1T1R)


Similar Part No. - SX-SDMAC

ManufacturerPart #DatasheetDescription
logo
silex technology americ...
SX-SDMAC-2832S SILEX-SX-SDMAC-2832S Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
SX-SDMAC-PLUS SILEX-SX-SDMAC-PLUS Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
SX-SDMAC2-2830 SILEX-SX-SDMAC2-2830 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
SX-SDMAC2-2830-SP SILEX-SX-SDMAC2-2830-SP Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
More results

Similar Description - SX-SDMAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX-SDCAN ETC1-SX-SDCAN Datasheet
3Mb / 2P
802.11a/b/g/n Plus Bluetooth* SDIO Card
SX-SDMAN ETC2-SX-SDMAN Datasheet
924Kb / 2P
802.11a/b/g/n Plus Bluetooth SDIO Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
Bluetooth Module
logo
silex technology americ...
SX-PCEAC2 SILEX-SX-PCEAC2 Datasheet
756Kb / 1P
2x2 Dual Band 802.11ac WLAN Plus BT Combo Module
REV B. 20200120
SX-SDMAC-PLUS SILEX-SX-SDMAC-PLUS Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
SX-SDMAC2 SILEX-SX-SDMAC2 Datasheet
2Mb / 2P
IEEE 802.11 a/b/g/n/ac Plus Bluetooth SDIO Wi-Fi Module
REV A. 20190913
SX-SDPAC SILEX-SX-SDPAC Datasheet
1Mb / 1P
802.11a/b/g/n/ac plus Bluetooth SDIO System-in-Package (SiP) Module
REV D 20200327
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com