Electronic Components Datasheet Search
  English  ▼

X  

FD650S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD650S
Description  LED drive control/keyboard scanning ASIC FD650
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD650S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD650S Datasheet HTML 1Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 2Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 3Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 4Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 5Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 6Page - List of Unclassifed Manufacturers FD650S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
集成电路 FD650
1
LED驱动控制/键盘扫描专用集成电路FD650
一、 概述
FD650是一种带键盘扫描电路接口的LED驱动控制专用电路。内部集成有MCU输入
输出控制数字接口、数据锁存器、LED驱动、键盘扫描、辉度调节等电路。本芯片性
能稳定、质量可靠、抗干扰能力强,可适应于24小时长期连续工作的应用场合。
二、 特性说明
• 显示模式:8段×4位
• 段驱动电流不小于25mA,字驱动电流不小于150mA
• 提供8级亮度控制
• 键盘扫描:7×4bit
• 高速两线式串行接口
• 内置时钟振荡电路
• 内置上电复位电路
• 支持3V-5.5V电源电压
• 提供DIP16(FD650K)及SOP16(FD650S)封装
三、管脚定义


Similar Part No. - FD650S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD650R17IE4 INFINEON-FD650R17IE4 Datasheet
1Mb / 9P
Technische Information / Technical Information
2013-11-05 revision:2.1
FD650R17IE4D_B2 INFINEON-FD650R17IE4D_B2 Datasheet
2Mb / 9P
PrimePACK2 module and NTC
2011-03-04 revision:2.1
More results

Similar Description - FD650S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TA1671 PTH-TA1671 Datasheet
281Kb / 7P
PantIng drive control LED special drive control IC
logo
SHENZHEN FUMAN ELECTRON...
TC4973 FUMAN-TC4973 Datasheet
172Kb / 6P
LED large screen scanning blanking control circuit
logo
Nanjing Qinheng Microel...
CH453 WCH-CH453 Datasheet
160Kb / 7P
16 bit digital tube drive and keyboard control chip
CH454 WCH-CH454 Datasheet
215Kb / 12P
16 - section digital tube drive and keyboard control chip
CH456 WCH-CH456 Datasheet
184Kb / 7P
16 bit digital tube drive and keyboard control chip
logo
SHENZHEN FUMAN ELECTRON...
TC7558N FUMAN-TC7558N Datasheet
510Kb / 5P
8-channel LED large-screen scanning blanking control circuit
logo
Shenzhen Huazhimei Semi...
HM1650 HMSEMI-HM1650 Datasheet
514Kb / 7P
LED Drive Control/Keyboard Scan Specific Integrated Circuit
HM1618 HMSEMI-HM1618 Datasheet
353Kb / 11P
LED drive control circuit with a keyboard scan interface
logo
List of Unclassifed Man...
CH455 ETC-CH455 Datasheet
191Kb / 12P
LED drive and keyboard control chip
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
LED driver control/keyboard scanning ASIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com