Electronic Components Datasheet Search
  English  ▼

X  

SDW30 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SDW30
Description  Single, dual and triple output 30 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SDW30 Datasheet(HTML) 1 Page - Artesyn Technologies

  SDW30 Datasheet HTML 1Page - Artesyn Technologies SDW30 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Line regulation
LL to HL, single outputs
±0.1%
LL to HL, dual outputs
±1.0%
Load regulation
Single outputs
±0.1%
Dual outputs (symmetric)
±0.1%
Triple (outputs 2 and 3)
±4.0%
Cross regulation
Duals
2.0%
(See Note 1)
Triples
5.0%
Voltage accuracy
±2.0%
Minimum load
3.3V, 5V
120mA max.
Single 12V, 15V
70mA max.
Duals each output
10% FL
Triples, output 1
10% FL
Overshoot
At start-up
3.0% max.
Ripple and noise
20MHz bandwidth
1.0% pk-pk, max.
30mV rms
Temperature coefficient
±0.02%/°C
Short circuit protection
Hiccup mode
Indefinite
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal, FL
10 to 36VDC
48VDC nominal, FL
20 to 72VDC
Input current
See table
Input reflected ripple
Singles: 48VDC, FL
12mA
24VDC, FL
300mA
48VDC, FL
150mA
Undervoltage lockout
Duals and triples:
24V nominal
9.5VDC
48V nominal
19VDC
Start-up time
750ms, max.
Remote ON/OFF
Duals and triples only TTL compatible
ON
TTL high or open
OFF
TTL low
SDW30 SERIES
Single, dual and triple output
[ 2 YEAR WARRANTY ]
• 4:1 wide input voltage range
• 16 models available including 3.3V outputs
• Input reflected ripple according to CEPT
• Indefinite short circuit protection
• EN55022 conducted emissions level B
• Designed to meet EN60950 and IEC950
The SDW30 series of DC/DC converters supply up to 30 Watts of output power in a 3 x
2.56 x 0.81 inch package. The series features a 4:1 wide input voltage range which
ensures operation on semi-regulated distributed power voltages. Available in standard
single, dual and triple outputs, the series also offers 3.3V single output models for low
voltage logic applications. The SDW30 series complies with EN60950 for safety and also
complies with EN55022 level B conducted emissions. All models feature continuous
short circuit protection. The series boasts a high efficiency of typically 85% with tight
load and line regulation. The optimized thermal design and the copper case allow
operation in ambient temperatures of up to +70°C without derating. The features of the
SDW series make these converters ideally suited for on board logic and distributed
power systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level B
GENERAL SPECIFICATIONS
Efficiency
85% typ.
Isolation voltage
Input/output
1500VDC
Isolation capacitance
Input/output
1nF
Switching frequency
Fixed
100kHz typ.
Approvals and
Designed to meet
EN60950
standards
IEC950
Case material
Black coated, metal case
Material flammability
UL94V-0
Weight
250g (8.83oz)
MTBF
MIL-HDBK-217F
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-10°C to +70°C
(See derating curve)
Non-operating
-25°C to +95°C
Case
+95°C max.
Derating
See derating curve
Cooling
Free air convection cooled
Relative humidity
Non-condensing
30% to 95%
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)


Similar Part No. - SDW30

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SDW3045 SKTECHNOLGY-SDW3045 Datasheet
1,003Kb / 5P
N-Channel enhancement mode power field effect transistors are using trench DMOS technology
More results

Similar Description - SDW30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
Triple output 25 Watt Wide input DC-DC converters
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
Single and triple output 40 Watt Wide input DC/DC converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com