Electronic Components Datasheet Search
  English  ▼

X  

EB103K2V751K Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EB103K2V751K
Description  Safety Standard Recognized Ceramic Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB103K2V751K Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EB103K2V751K Datasheet HTML 1Page - List of Unclassifed Manufacturers EB103K2V751K Datasheet HTML 2Page - List of Unclassifed Manufacturers EB103K2V751K Datasheet HTML 3Page - List of Unclassifed Manufacturers EB103K2V751K Datasheet HTML 4Page - List of Unclassifed Manufacturers EB103K2V751K Datasheet HTML 5Page - List of Unclassifed Manufacturers EB103K2V751K Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HITANO Enterprise Corp.
4
Y2 Cap.
Parts Number System
E
B
101
K
2V
7
L
1
K
――
――
――
――
――
――
――
――
――
1)
2)
3)
4)
5)
6)
7)
8)
9)
1) Coating:
E: Epoxy Coating
6)Lead Space: 5= 5.0mm
7= 7.5mm
9= 9.5mm
2)Temp. Char.: B= Y5P
7)Lead length: L= 25mm
E= Y5U
M= 10mm
F= Y5V
5= 5mm
T= Taping Reel
A= AMMO BOX
3)Capacitance: 101=10x10=100PF
8) Lead Style: 1= Straight type
102=10x100=1,000PF
103=10x1000
= 10,000PF
4)Tolerance:
K= ± 1 0%
9)Mark
K= Standard Marking
M= ± 2 0%
2T= 250VAC
5)Rated
Voltage:
2V= 400VAC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com