Electronic Components Datasheet Search
  English  ▼

X  

SIL15E Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL15E
Description  3.0 Vin to 5.5 Vin Single output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15E Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL15E Datasheet HTML 1Page - Artesyn Technologies SIL15E Datasheet HTML 2Page - Artesyn Technologies SIL15E Datasheet HTML 3Page - Artesyn Technologies SIL15E Datasheet HTML 4Page - Artesyn Technologies SIL15E Datasheet HTML 5Page - Artesyn Technologies SIL15E Datasheet HTML 6Page - Artesyn Technologies SIL15E Datasheet HTML 7Page - Artesyn Technologies SIL15E Datasheet HTML 8Page - Artesyn Technologies SIL15E Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SIL15E SERIES
3.0 Vin to 5.5 Vin Single output
SIL15E Series
| 15 A DC-DC Converter
E Class Non-Isolated
1
[ 2 YEAR WARRANTY ]
15 A current rating
Input voltage range: 3.0 Vdc to 5.5 Vdc
Output voltage range: 0.8 Vdc to 3.63 Vdc
Ultra high efficiency: 95% @ 5 Vin and 3.3 Vout
Extremely low internal power dissipation
Minimal thermal design concerns
Designed in reliability: MTBF of >7 million hours per Telcordia SR-332
Ideal solution where board space is at a premium or tighter card pitch is required
Industry standard footprint and pin out
Available RoHS compliant
THE SIL15E series are non-isolated dc-dc
converters packaged in a single-in-line
footprint giving designers a cost effective
solution for conversion from either a 5 V or
3.3 V input to output voltages of 0.8 Vdc
and 3.63 Vdc. Local voltage conversion
by the SIL15E series from existing 5 V or
3.3 V system voltages eliminates the need
for redesign of existing power
architectures when voltage requirements
change. The SIL15E is designed for
applications that include distributed
power, workstations, optical network and
wireless applications. Implemented using
state of the art surface-mount technology
and automated manufacturing techniques,
the SIL15E offers compact size and
efficiencies of up to 95%.
File Name :lf_sil15e_05.pdf Rev (03): 22 Dec 2005


Similar Part No. - SIL15E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SIL15E ADVANCEDENERGY-SIL15E Datasheet
333Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL15E-05S1V8-HJ ARTESYN-SIL15E-05S1V8-HJ Datasheet
393Kb / 4P
Embedded Power for Business-Critical Continuity
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ Datasheet
393Kb / 4P
Embedded Power for Business-Critical Continuity
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ_10 Datasheet
393Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - SIL15E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
3.0 Vin - 5.5 Vin
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com