Electronic Components Datasheet Search
  English  ▼

X  

SIL20C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL20C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL20C Datasheet HTML 1Page - Artesyn Technologies SIL20C Datasheet HTML 2Page - Artesyn Technologies SIL20C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL20C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
File Name: sil20c.pdf Rev (01): 13 Dec 2005
All dimensions in inches (mm)
General tolerance
±0.015in (±0.40mm)
except where specified otherwise
1.20
(30.5)
0.025
±0.001
(0.64) Typ
±0.025
Pin 11
Pin 1
0.45 max
(11.4 max)
0.29 max
(7.4 max)
0.062
(1.57) Ref
0.10 max
(2.5 max)
0.050
(1.27) Typ
1.050
(26.67)
0.100
(2.54) 9 Places
0.150
(3.81)
0.050
(1.27)
0.48 max
(12.2 max)
0.15
(3.7)
0.025
±0.001
(0.64) Typ
±0.025
1.20
(30.5)
0.050
(1.27)
PIN 1
PIN 11
0.48 Max
(12.2)
0.15
(3.7)
1.050
(26.67)
0.100 (2.54)
9 Places
0.150
(3.81)
0.050
(1.27)
2X
All dimensions in inches (mm)
General tolerance
±0.015in (±0.40mm)
except where specified otherwise
0.48
±0.025
(12.1
±0.6)
0.29
(7.4) Max
1.100
(27.94)
0.062
(1.57) Ref
0.150
(3.81)
0.120 (3.05)
13 Places
0.025
±0.001
(0.64) Typ
±0.025
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Vout
2
Vout
3
Vout
4
Trim
5
Remote ON/OFF
6
Power Good
7
Ground
8
Ground
9
Reserved
10
Vin
11
Vin
12
Mechanical support
(horizontal version only)
13
Mechanical support
(horizontal version only)
Figure 1: Mechanical Drawing - Horizontal Mount Version
Figure 2: Mechanical Drawing - Vertical Mount Version



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com