Electronic Components Datasheet Search
  English  ▼

X  

UP01113 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UP01113
Description  Silicon PNP epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP01113 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UP01113 Datasheet HTML 1Page - Panasonic Semiconductor UP01113 Datasheet HTML 2Page - Panasonic Semiconductor UP01113 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UP01113
2
SJJ00297AED
hFE  IC
Cob  VCB
IO  VIN
PT  Ta
IC  VCE
VCE(sat)  IC
VIN  IO
0
80
120
40
0
140
120
40
100
80
20
60
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−40
−120
−80
−160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= −1.0 mA
− 0.9 mA
− 0.8 mA
− 0.7 mA
− 0.6 mA
− 0.5 mA
− 0.4 mA
− 0.3 mA
− 0.2 mA
− 0.1 mA
− 0.01
− 0.1
− 0.1
−1
−10
−1
−10
−100
Collector current I
C (mA)
IC / IB
= 10
Ta
= 85°C
25
°C
−25°C
0
− 0.1
100
50
150
200
250
300
−1
−10
−1000
−100
Collector current IC (mA)
VCE
= −10 V
Ta
= 85°C
25
°C
−25°C
0
−40
−10
−30
−20
1
10
f = 1 MHz
Ta = 25
°C
Collector-base voltage V
CB (V)
− 0.01
− 0.1
−1
−10
− 0
− 0.5
−1.0
−1.5
−2.0
−2.5
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
−1
− 0.01
−10
− 0.1
−1
−100
−10
Output current I
O (mA)
VO
= − 0.2 V
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com