Electronic Components Datasheet Search
  English  ▼

X  

TL494 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TL494
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL494 Datasheet HTML 17Page - Texas Instruments TL494 Datasheet HTML 18Page - Texas Instruments TL494 Datasheet HTML 19Page - Texas Instruments TL494 Datasheet HTML 20Page - Texas Instruments TL494 Datasheet HTML 21Page - Texas Instruments TL494 Datasheet HTML 22Page - Texas Instruments TL494 Datasheet HTML 23Page - Texas Instruments TL494 Datasheet HTML 24Page - Texas Instruments TL494 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
in the same direction. This prevents magnetic field reversal caused by the traces between the two half-cycles
and reduces radiated EMI.
12.2 Layout Example
GND
2
1IN
±
3
4
DTC
CT
RT
7
GND
8
9
E1
10
E2
11
C2
12
VCC
13
14
REF
15
2IN±
16
2IN+
FEEDBACK
1IN+
C1
OUTPUT
CTRL
1
VIA to Power Plane
Power or GND Plane
VIA to GND Plane
LEGEND
6
5
VCC
Figure 12-1. Operational Amplifier Board Layout for Noninverting Configuration
13 Device and Documentation Support
13.1 Trademarks
All trademarks are the property of their respective owners.
13.2 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
13.3 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
14 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser based versions of this data sheet, refer to the left hand navigation.
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com