Electronic Components Datasheet Search
  English  ▼

X  

74LV241DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV241DB
Description  Octal buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV241DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV241DB Datasheet HTML 3Page - NXP Semiconductors 74LV241DB Datasheet HTML 4Page - NXP Semiconductors 74LV241DB Datasheet HTML 5Page - NXP Semiconductors 74LV241DB Datasheet HTML 6Page - NXP Semiconductors 74LV241DB Datasheet HTML 7Page - NXP Semiconductors 74LV241DB Datasheet HTML 8Page - NXP Semiconductors 74LV241DB Datasheet HTML 9Page - NXP Semiconductors 74LV241DB Datasheet HTML 10Page - NXP Semiconductors 74LV241DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV241
Octal buffer/line driver (3-State)
1998 May 20
7
AC WAVEFORMS (Continued)
VM = 1.5 V at VCC ≥ 2.7 V; VM = 0.5 V × VCC at VCC < 2.7 V
VX = VOL + 0.3 V at VCC ≥ 2.7 V; VX = VOL + 0.1 V × VCC at VCC <
2.7 V
VY = VOH – 0.3 V at VCC ≥ 2.7V; VY = VOH – 0.1 × VCC at VCC < 2.7
V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00619
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
HIGH-to-OFF
OFF-to-HIGH
LOW-to-OFF
OFF-to-LOW
VM
VM
2OE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
OUTPUT
OUTPUT
Figure 3. 3-State enable and disable times for input 2OE.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 1k
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
50pF
SV00895
RL = 1k
2 * VCC
Figure 4. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com