Electronic Components Datasheet Search
  English  ▼

X  

STA309A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX®
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 56Page - STMicroelectronics STA309A Datasheet HTML 57Page - STMicroelectronics STA309A Datasheet HTML 58Page - STMicroelectronics STA309A Datasheet HTML 59Page - STMicroelectronics STA309A Datasheet HTML 60Page - STMicroelectronics STA309A Datasheet HTML 61Page - STMicroelectronics STA309A Datasheet HTML 62Page - STMicroelectronics STA309A Datasheet HTML 63Page - STMicroelectronics STA309A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Registers
STA309A
60/71
DocID13855 Rev 6
7.3
Reading a coefficient from RAM
1.
write top 2-bits of address to I2C register 0x3B
2.
write bottom 8-bits of address to I2C register 0x3C
3.
read top 8-bits of coefficient in I2C address 0x3D
4.
read middle 8-bits of coefficient in I2C address 0x3E
5.
read bottom 8-bits of coefficient in I2C address 0x3F
7.4
Reading a set of coefficients from RAM
1.
write top 2-bits of address to I2C register 0x3B
2.
write bottom 8-bits of address to I2C register 0x3C
3.
read top 8-bits of coefficient in I2C address 0x3D
4.
read middle 8-bits of coefficient in I2C address 0x3E
5.
read bottom 8-bits of coefficient in I2C address 0x3F
6.
read top 8-bits of coefficient b2 in I2C address 0x40
7.
read middle 8-bits of coefficient b2 in I2C address 0x41
8.
read bottom 8-bits of coefficient b2 in I2C address 0x42
9.
read top 8-bits of coefficient a1 in I2C address 0x43
10. read middle 8-bits of coefficient a1 in I2C address 0x44
11. read bottom 8-bits of coefficient a1 in I2C address 0x45
12. read top 8-bits of coefficient a2 in I2C address 0x46
13. read middle 8-bits of coefficient a2 in I2C address 0x47
14. read bottom 8-bits of coefficient a2 in I2C address 0x48
15. read top 8-bits of coefficient b0 in I2C address 0x49
16. read middle 8-bits of coefficient b0 in I2C address 0x4A
17. read bottom 8-bits of coefficient b0 in I2C address 0x4B
7.5
Writing a single coefficient to RAM
1.
write top 2-bits of address to I2C register 0x3B
2.
write bottom 8-bits of address to I2C register 0x3C
3.
write top 8-bits of coefficient in I2C address 0x3D
4.
write middle 8-bits of coefficient in I2C address 0x3E
5.
write bottom 8-bits of coefficient in I2C address 0x3F
6.
write 1 to W1 bit in I2C address 0x4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com