Electronic Components Datasheet Search
  English  ▼

X  

SMT12F Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SMT12F
Description  DC-DC CONVERTERS F Class Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT12F Datasheet(HTML) 4 Page - Artesyn Technologies

  SMT12F Datasheet HTML 1Page - Artesyn Technologies SMT12F Datasheet HTML 2Page - Artesyn Technologies SMT12F Datasheet HTML 3Page - Artesyn Technologies SMT12F Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name: smt12f_05.pdf Rev (03): 16 Dec 2005
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
F Class Non-isolated
4
NEW Product
Figure 5 - Mechanical Drawing
SEATING
PLANE
0.630
±0.010
[16.00
±0.25]
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
±0.005 (±0.127)
63
54
2 1
8
7
9
10
0.470 [11.94]
BOTTOM VIEW
0.340 [8.64]
0.000 [0.00]
0.065 [1.65]
0.000 [0.00]
0.455 [11.56]
TOP VIEW
SIDE VIEW
P
Piin
n N
No
o.. P
Piin
n D
De
es
sc
crriip
pttiio
on
n
1
Trim: A 1% 0.1 W resistor must be directly connected between
this pin and pin 8 (GND) to set the output voltage to a lower value
than 3.3 V. The temperature stability of the resistor should be 100
ppm/°C or better. The set point range for the 3.3 V model is from
3.3 V to 0.9 V. The resistor required for a given output voltage may
be calculated from the following formula.
If left open circuit the output voltage will default to 3.3 V.
The set point range for the 2.6 V model is from 2.6-0.9 V. The
resistor required for a given output voltage may be calculated from
the following formula
If left open circuit the output voltage will default to 2.6 V.
For further information on output voltage adjustment consult the
Application Note 165.
2
Margin+: When this input is asserted to High, the output voltage
is increased by 5%. This function is independant of trim and
sense.
P
Piin
n N
No
o.. P
Piin
n D
De
es
sc
crriip
pttiio
on
n
3
Remote ON/OFF: Applying a high level signal to this input
disables the module’s output and turns off the output voltage.
When the Remote ON/OFF control is active, the input current
drawn by the regulator is significantly reduced. If the Remote
ON/OFF pin is left open-circuit, the module will produce an output
whenever a valid input source is applied.
4
Margin-: When this input is asserted high, the output voltage is
decreased by 5% from the nominal. This functions is independant
of trim and sense.
5
V sense +: The sense input allows the regulation circuit to
compensate for voltage drop between the module and the load.
For optimal voltage accuracy Vo Sense should be connected to
Vout node of bypass capacitor. It can also be left disconnected.
6
V sense -: The VSense should be connected to the ground of a
bypass capacitor near the load or left open circuit.
7
+Vout: The regulated positive power output with respect to the
GND node.
8
Ground: This is the common ground connection for the Vin and
Vout power connections. It is also the 0 Vdc reference for the
control inputs.
9
+Vin: The positive input voltage power node to the module,which
is referenced to common GND.
10
Power Good: This pin indicates the status of the output voltage.
Power Good is driven low if output voltage deviates outside of
specified limits.
SMT12F Series
3.3 Vin and 5 Vin single output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com