Electronic Components Datasheet Search
  English  ▼

X  

AS7C1026 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C1026
Description  5V / 3.3V 64KX16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C1026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C1026 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AS7C1026
AS7C31026
®
3/23/01; v.1.0
Alliance Semiconductor
P. 10 of 10
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be
the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may
appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the
product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential
customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use
of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose,
merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made
exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other
intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected
to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all
claims arising from such use
Ordering codes
NA: not available.
Shaded areas indicate preliminary information.
Part numbering system
Package \ Access time
Volt/Temp
12 ns
15 ns
20 ns
Plastic SOJ, 400 mil
5V commercial
AS7C1026-12JC
AS7C1026-15JC
AS7C1026-20JC
5V industrial
AS7C1026-12JI
AS7C1026-15JI
AS7C1026-20JI
3.3V commercial
AS7C31026-12JC
AS7C31026-15JC
AS7C31026-20JC
TSOP II, 18.4×10.2 mm
5V commercial
AS7C1026-12TC
AS7C1026-15TC
AS7C1026-20TC
3.3V commercial
AS7C31026-12TC
AS7C31026-15TC
AS7C31026-20TC
3.3V industrial
AS7C31026-12TI
AS7C31026-15TI
AS7C31026-20TI
CSP BGA, 8×6 mm
5V commercial
AS7C1026-12BC
AS7C1026-15BC
AS7C1026-20BC
3.3V commercial
AS7C31026-12BC
AS7C31026-15BC
AS7C31026-20BC
3.3V industrial
AS7C31026-12BI
AS7C31026-15BI
AS7C31026-20BI
AS7C
X
1026
–XX
X
C
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package: J=SOJ 400 mil
T=TSOP type 2, 18.4 × 10.2 mm
B=CSP BGA, 8 × 6 mm
Temperature range,
C=Commercial: 0° C to 70° C
I=Industrial: -40° C to 85° C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com