Electronic Components Datasheet Search
  English  ▼

X  

AS7C31026 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C31026
Description  5V / 3.3V 64KX16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C31026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 6 of 10
Data retention characteristics (over the operating range)13
Data retention waveform
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B, and C.
4
These parameters are specified with CL = 5pF, as in Figures B or C. Transition is measured ± 500 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is High for read cycle.
7CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE or WE must be High during address transitions. Either CE or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 2V data retention applies to commercial temperature range operation only.
14 C=30pF, except all high Z and low Z parameters where C=5pF.
Parameter
Symbol
Test conditions
Min
Max
Unit
VCC for data retention
VDR
VCC = 2.0V
CE
≥ V
CC–0.2V
VIN ≥ VCC–0.2V or
VIN ≤ 0.2V
2.0
–
V
Data retention current
ICCDR
–1
ma
Chip deselect to data retention time
tCDR
0–
ns
Operation recovery time
tR
tRC
–ns
Input leakage current
|ILI|–
1
µA
VCC
CE
tR
tCDR
Data retention mode
VCC
VCC
VDR ≥ 2.0V
VIH
VIH
VDR
255W
C(14)
320W
GND
+3.3V
Figure C: 3.3V Output load
- Output load: see Figure B or Figure C, except as noted.
- Input pulse level: GND to 3.0V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
168W
Thevenin Equivalent:
DOUT
+1.728V (5V and 3.3V)
255W
C(14)
480W
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com