Electronic Components Datasheet Search
  English  ▼

X  

SMT20C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SMT20C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT20C Datasheet(HTML) 3 Page - Artesyn Technologies

  SMT20C Datasheet HTML 1Page - Artesyn Technologies SMT20C Datasheet HTML 2Page - Artesyn Technologies SMT20C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT20C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: smt20c.pdf Rev (03): 15 Dec 2005
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
0.062
(1.57) REF
8 X 0.105
(2.67)
ID LABEL
LOCATION
0.48 max.
(12.2)
0.13
(3.3)
1.20
(30.5)
0.011
(0.27) TYP
0.901
(22.88)
3X
PIN 7
PIN 8
PIN 1
PIN 6
0.084
(2.14)
0.150
(3.81)
0.054
(1.38)
0.940
(23.88)
0.795
(20.19)
0.145
(3.68)
Seating Plane
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Vout
2
Vout
3
Power Good
4
GND
5
GND
6Vin
7
Trim
8
Remote ON/OFF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com