Electronic Components Datasheet Search
  English  ▼

X  

AD7694 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7694
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7694 Datasheet HTML 8Page - Analog Devices AD7694 Datasheet HTML 9Page - Analog Devices AD7694 Datasheet HTML 10Page - Analog Devices AD7694 Datasheet HTML 11Page - Analog Devices AD7694 Datasheet HTML 12Page - Analog Devices AD7694 Datasheet HTML 13Page - Analog Devices AD7694 Datasheet HTML 14Page - Analog Devices AD7694 Datasheet HTML 15Page - Analog Devices AD7694 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7694
Rev. 0 | Page 12 of 16
APPLICATION INFORMATION
SW+
MSB
16,384C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 18. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7694 is a low power, single-supply, 16-bit ADC using a
successive approximation architecture. It is capable of con-
verting 250,000 samples per second (250 kSPS) and powers
down between conversions. When operating at 100 SPS, for
example, it consumes typically 4 µW, ideal for battery-powered
applications.
The AD7694 provides the user with on-chip track-and-hold and
does not exhibit any pipeline delay or latency, making it ideal
for multiple, multiplexed channel applications.
The AD7694 is specified from 2.7 V to 5.25 V. It is housed in a
8-lead MSOP. The AD7694 is an improved second source to
LTC1864 and LTC1864L. For even better performance, the
AD7685 should be considered.
CONVERTER OPERATION
The AD7694 is a successive approximation ADC based on a
charge redistribution DAC. Figure 18 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to GND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on the IN+ and IN− inputs. When the
acquisition phase is complete and the CNV input goes high, a
conversion phase begins. When the conversion phase begins,
SW+ and SW− are opened first. The two capacitor arrays are
then disconnected from the inputs and connected to the GND
input. Thus, the differential voltage between the inputs, IN+ and
IN−, captured at the end of the acquisition phase applies to the
comparator inputs, causing the comparator to become unbal-
anced. By switching each element of the capacitor array between
GND and REF, the comparator input varies by binary weighted
voltage steps (VREF/2, VREF/4...VREF/65536). The control logic
toggles these switches, starting with the MSB, in order to bring
the comparator back into a balanced condition. After the
completion of this process, the part returns to the acquisition
phase and the control logic generates the ADC output code.
Because the AD7694 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.
TRANSFER FUNCTIONS
The ideal transfer function for the AD7694 is shown in
Figure 19 and Table 8.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+
FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
Figure 19. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 5 V
Digital Output Code
Hexadecimal
FSR – 1 LSB
4.999924 V
FFFF2
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale – 1 LSB
2.499924 V
7FFF
–FSR + 1 LSB
76.3 µV
0001
–FSR
0 V
00003
2 This is also the code for an overranged analog input (VIN+ – VIN– above
VREF – VGND).
3 This is also the code for an underranged analog input (VIN+ – VIN– below VGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com