Electronic Components Datasheet Search
  English  ▼

X  

SMT30C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SMT30C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT30C Datasheet(HTML) 3 Page - Artesyn Technologies

  SMT30C Datasheet HTML 1Page - Artesyn Technologies SMT30C Datasheet HTML 2Page - Artesyn Technologies SMT30C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT30C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
2.280
(57.91)
PCB REF
0.062
(1.57)
0.43
(10.8)
0.105
(2.67)
0.011
(0.27) Typ
0.140
(3.56)
15 x
0.090
(2.29)
2.100
(53.34)
0.045
(1.13)
0.485
(12.33)
1.140
(28.96)
PIN 1
PIN 16
PIN 17
PIN 18
Seating Plane
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: smt30c.pdf Rev (04): 16 Dec 2005
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
Current Share
10
Vin
2
Trim
11
Vin
3
GND
12
Vout
4
GND
13
Vout
5
GND
14
GND
6
Sense-
15
Vout
7
Sense+
16
GND
8
Remote ON/OFF
17
Mechanical Support
9
Power Good
18
Mechanical Support



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com