Electronic Components Datasheet Search
  English  ▼

X  

PEMD19 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMD19
Description  NPN/PNP resistor-equipped transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD19 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMD19 Datasheet HTML 1Page - NXP Semiconductors PEMD19 Datasheet HTML 2Page - NXP Semiconductors PEMD19 Datasheet HTML 3Page - NXP Semiconductors PEMD19 Datasheet HTML 4Page - NXP Semiconductors PEMD19 Datasheet HTML 5Page - NXP Semiconductors PEMD19 Datasheet HTML 6Page - NXP Semiconductors PEMD19 Datasheet HTML 7Page - NXP Semiconductors PEMD19 Datasheet HTML 8Page - NXP Semiconductors PEMD19 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN/PNP resistor-equipped transistors.
1.2 Features
s Built-in bias resistors
s Simplifies circuit design
s Reduces component count
s Reduces pick and place cost
1.3 Applications
s Low current peripheral driver
s Control of IC inputs
s Replacement of general-purpose transistors in digital applications
1.4 Quick reference data
PEMD19; PUMD19
NPN/PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
Rev. 01 — 17 February 2005
Product data sheet
Table 1:
Product overview
Type number
Package
PNP/PNP
complement
NPN/NPN
complement
Philips
JEITA
PEMD19
SOT666
-
PEMB19
PEMH19
PUMD19
SOT363
SC-88
PUMB19
PUMH19
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω


Similar Part No. - PEMD19

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD19 NEXPERIA-PEMD19 Datasheet
185Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
logo
NXP Semiconductors
PEMD19_PUMD19 PHILIPS-PEMD19_PUMD19_15 Datasheet
71Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open
Rev. 01-17 February 2005
More results

Similar Description - PEMD19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
NPN/PNP resistor-equipped transistors
2001 Nov 07
PUMD10 PHILIPS-PUMD10 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 20
PUMD2 PHILIPS-PUMD2 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 21
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD9 PHILIPS-PUMD9 Datasheet
63Kb / 12P
NPN/PNP resistor-equipped transistors
1999 May 20
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PEMD17 PHILIPS-PEMD17 Datasheet
69Kb / 12P
NPN/PNP resistor-equipped transistors
Rev. 03-24 January 2005
PUMD3 PHILIPS-PUMD3 Datasheet
334Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 10-15 November 2009
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
NPN/PNP resistor-equipped transistors;
PEMD18 NEXPERIA-PEMD18 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com