Electronic Components Datasheet Search
  English  ▼

X  

OP270GP Datasheet(PDF) 13 Page - Analog Devices

Part # OP270GP
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270GP Datasheet(HTML) 13 Page - Analog Devices

Back Button OP270GP Datasheet HTML 8Page - Analog Devices OP270GP Datasheet HTML 9Page - Analog Devices OP270GP Datasheet HTML 10Page - Analog Devices OP270GP Datasheet HTML 11Page - Analog Devices OP270GP Datasheet HTML 12Page - Analog Devices OP270GP Datasheet HTML 13Page - Analog Devices OP270GP Datasheet HTML 14Page - Analog Devices OP270GP Datasheet HTML 15Page - Analog Devices OP270GP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
OP270
–13–
DAC A
VREFA
4
VIN
RFBA
IOUTA
3
2
DAC B
VREFB
22
NC
RFBB
IOUTB
23
24
AGND
1
DAC A/DAC B
CS
WR
WRITE
CONTROL
19
20
DGND
5
18
VDD
21
+5V
DAC8221HP
DAC DATA BUS
PINS 6 (MSB) - 17 (LSB)
1/2
OP270GP
–
+
6
5
7
OUT
1/2
OP270GP
–
+
2
3
1
OUT
0.1 F
10 F
–
+
–15V
4
8
10 F
+
–
+15V
0.01 F
Figure 15. Digital Panning Control
A OUT
5V
1ms
5V
A OUT
Figure 16. Digital Panning Control Output
DAC B
RFBB
IOUTB 24
WRITE
CONTROL
19
20
18
DGND
5
23
VINB
DAC DATA BUS
PINS 6 (MSB) - 17 (LSB)
VREFB
22
DAC A
RFBA
3
VINA
VREFA
IOUTA
4
2
AGND
1
VDD
21
+5V
DAC8221HP
1/2
OP270GP
–
+
6
5
7
VOUTB
20M
1/2
OP270EZ
–
+
2
3
1
VOUTA
0.1 F
10 F
–
+
–15V
4
8
10 F
+
–
+15V
0.01 F
20M
Figure 17. Dual Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com