Electronic Components Datasheet Search
  English  ▼

X  

ST20-GP6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 51Page - STMicroelectronics ST20-GP6 Datasheet HTML 52Page - STMicroelectronics ST20-GP6 Datasheet HTML 53Page - STMicroelectronics ST20-GP6 Datasheet HTML 54Page - STMicroelectronics ST20-GP6 Datasheet HTML 55Page - STMicroelectronics ST20-GP6 Datasheet HTML 56Page - STMicroelectronics ST20-GP6 Datasheet HTML 57Page - STMicroelectronics ST20-GP6 Datasheet HTML 58Page - STMicroelectronics ST20-GP6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 123 page
background image
ST20-GP6
55/123
9
Memory subsystem
The memory system consists of SRAM and a programmable memory interface. The specific details
on the operation of the memory interface are described separately in Chapter 10.
9.1
SRAM
There is an internal memory module of 64 Kbytes of SRAM. The internal SRAM is mapped into the
base of the memory space from
MinInt (#80000000) extending upwards.
This memory can be used to store on-chip data, stack or code for time critical routines.
Optional external RAM, if fitted, is addressed from #81000000.
9.2
ROM
There is 128 Kbytes of on-chip ROM for application code.