Electronic Components Datasheet Search
  English  ▼

X  

AS7C31026-12BC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C31026-12BC
Description  5V / 3.3V 64KX16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026-12BC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C31026-12BC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026-12BC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C1026
AS7C31026
3/23/01; v.1.0
Alliance Semiconductor
P. 4 of 10
Read cycle (over the operating range)3,9
Shaded areas indicate preliminary information.
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (OE, CE, UB, LB controlled)3,6,8,9
Parameter
Symbol
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
12
–
15
–
20
–
ns
Address access time
tAA
–12–15
–
20
ns
3
Chip enable (CE) access time
tACE
–12–15
–
20
ns
3
Output enable (OE) access time
tOE
–
6
–7
–8
ns
Output hold from address change
tOH
4–
4–
4–
ns
5
CE Low to output in low Z
tCLZ
0–
0–
0–
ns
4, 5
CE High to output in high Z
tCHZ
–
6
–6
–8
ns
4, 5
OE Low to output in low Z
tOLZ
0–
0–
0–
ns
4, 5
Byte select access time
tBA
–
6
–7
–8
ns
Byte select Low to low Z
tBLZ
0–
0–
0–
ns
4,5
Byte select High to high Z
tBHZ
–
6
–6
–8
ns
4,5
OE High to output in high Z
tOHZ
–
6
–6
–8
ns
4, 5
Power up time
tPU
0–
0–
0–
ns
4, 5
Power down time
tPD
–12–15
–
20
ns
4, 5
Undefined output/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
DataIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com