Electronic Components Datasheet Search
  English  ▼

X  

STS1NK60Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS1NK60Z
Description  N-CHANNEL 600V - 13W - 0.25A - SO-8 Zener-Protected SuperMESH??Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1NK60Z Datasheet(HTML) 7 Page - STMicroelectronics

  STS1NK60Z Datasheet HTML 1Page - STMicroelectronics STS1NK60Z Datasheet HTML 2Page - STMicroelectronics STS1NK60Z Datasheet HTML 3Page - STMicroelectronics STS1NK60Z Datasheet HTML 4Page - STMicroelectronics STS1NK60Z Datasheet HTML 5Page - STMicroelectronics STS1NK60Z Datasheet HTML 6Page - STMicroelectronics STS1NK60Z Datasheet HTML 7Page - STMicroelectronics STS1NK60Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
STS1NK60Z
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com