Electronic Components Datasheet Search
  English  ▼

X  

ALD105 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ALD105
Description  1 Form A Slim Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALD105 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ALD105 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALD105 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALD105 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LD
47
LD-RELAYS
1 Form A Slim Power Relay
mm inch
15.0
.591
20.3
.799
7.0
.276
FEATURES
1. Slim type: Width 7 mm .276 inch.
20.3(L)
×7.0(W)×15.0(H) mm
.799(L)
×.276(W)×.591(H) inch
2. Perfect for small load switching of
home appliances
105 switching operations possible with a
3A 250V AC resistive load.
3. Low operating power
Compact size, nominal operating power
as low as 200mW.
4. High shock resistance
The relay withstands a functional shock
resistance of 300m/s2 [approx. 30 G
more]
5. High insulation resistance
• Creepage distance and clearances be-
tween contact and coil: Min. 6 mm .236
inch(In compliance with IEC65)
• Surge withstand voltage between con-
tact and coil: 10,000 V or more.
6. UL/CSA, VDE, TÜV approved.
SPECIFICATIONS
Contact
Coil
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA
*3 Wave is standard shock voltage of
±1.2×50ms according to JEC-212-1981
*4 Excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11 ms; detection time: 10
µs
*6 Half-wave pulse of sine wave: 6 ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
Characteristics
Arrangement
1 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
Max. 100 m
Ω
Contact material
Silver alloy
Rating
(resistive load)
Nominal switching capacity
3 A 277 V AC, 3 A
30V DC
Max. switching power
831 V A (AC),
90W (DC)
Max. switching voltage
277 V AC, 30 V DC
Max. switching current
3 A
Expected life
(min.operations)
Mechanical (at 180 cpm)
5
×106
Electrical
(at 20 cpm)
(at rated load)
3A 125V AC,
3A 30V DC
2
×105
3A 250V AC
105
Nominal operating power
200 mW
Max. operating speed
20 cpm (at rated load)
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial*2
breakdown
voltage
Between open
contacts
750 Vrms for 1 min.
Between contact and
coil
4,000 Vrms for 1 min.
Initial surge voltage between contact
and coil*3
Min. 10,000 V
Operate time*4 (at nominal voltage)
Max. 10ms (at 20
°C 68°F)
Release time (with diode)*4
(at nominal voltage)
Max. 10ms (at 20
°C 68°F)
Temperature rise (at 70
°C)
Max. 45
°C with nominal coil
voltage and at 3 A contact
carrying current
(resistance method)
Shock resistance
Functional*5
Min. 300 m/s2{approx. 30 G}
Destructive*6
Min. 1,000 m/s2{approx. 100 G}
Vibration resistance
Functional*7
10 to 55Hz
at double amplitude of 1.5mm
Destructive
10 to 55Hz
at double amplitude of 1.5mm
Conditions for operation,
transport and storage*8
(Not freezing and con-
densing at low tempera-
ture)
Ambient
temp.
–40
°C to +70°C
–40
°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 4 g .141 oz
TYPICAL
APPLICATIONS
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters
ORDERING INFORMATION
Contact arrangement
Coil voltage(V DC)
1: 1 Form A
4H: 4.5,
05: 5,
06: 6,
1
Product name
LD
UL/CSA, TÜV approved type is standard.
Note: Standard packing: Carton: 50pcs, Case: 1,000pcs
Ex.
LD
A12
09: 9,
12: 12
18: 18
24: 24
VDE


Similar Part No. - ALD105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALD105W PANASONIC-ALD105W Datasheet
96Kb / 3P
1a 3A slim power relays
September 30, 2013
More results

Similar Description - ALD105

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com