Electronic Components Datasheet Search
  English  ▼

X  

AT28C64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28C64
Description  64K (8K x 8) CMOS E2PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28C64 Datasheet HTML 1Page - ATMEL Corporation AT28C64 Datasheet HTML 2Page - ATMEL Corporation AT28C64 Datasheet HTML 3Page - ATMEL Corporation AT28C64 Datasheet HTML 4Page - ATMEL Corporation AT28C64 Datasheet HTML 5Page - ATMEL Corporation AT28C64 Datasheet HTML 6Page - ATMEL Corporation AT28C64 Datasheet HTML 7Page - ATMEL Corporation AT28C64 Datasheet HTML 8Page - ATMEL Corporation AT28C64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Description (Continued)
Block Diagram
The AT28C64 is accessed like a Static RAM for the read
or write cycles without the need for external components.
During a byte write, the address and data are latched in-
ternally, freeing the microprocessor address and data bus
for other operations. Following the initiation of a write cy-
cle, the device will go to a busy state and automatically
clear and write the latched data using an internal control
timer. The device includes two methods for detecting the
end of a write cycle, level detection of RDY/BUSY (unless
pin 1 is N.C.) and DATA POLLING of I/O7. Once the end
of a write cycle has been detected, a new access for a
read or write can begin.
The CMOS technology offers fast access times of 120 ns
at low power dissipation. When the chip is deselected the
standby current is less than 100
µA.
Atmel’s 28C64 has additional features to ensure high
quality and manufacturability. The device utilizes error cor-
rection internally for extended endurance and for im-
proved data retention characteristics. An extra 32-bytes of
E2PROM are available for device identification or tracking.
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
2-194
AT28C64/X



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com