Electronic Components Datasheet Search
  English  ▼

X  

SD6701ASC Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SD6701ASC
Description  NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6701ASC Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SD6701ASC Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6701ASC Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silan
Microelectronics
SD670XSC_Datasheet
BLOCK DIAGRAM
Internal
bias
Logic drive
UVLO
UVLO
VREF5.5V
GND
DRAIN
VCC
CS
S
Q
Sense
R1
7
5/6
4
Gm
amplifier
CC
reference
M1
M2
CS
Current limit reference
CS
3
CS
1
ROVP
R2
Zero
crossing on
OVP
setting
COMP
comparator
Current limit
comparator
VCOMP
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Drain-Gate voltage (RGS=1MW)
VDGR
500
V
Gate-Source Voltage
VGS
±30
V
Drain current pulse
SD6701ASC
IDM
2.4
A
SD6701SC
4
SD6702SC
8
Drain continuous current
(Tamb=25
°C)
SD6701ASC
ID
0.8
A
SD6701SC
1
SD6702SC
2
Supply voltage
VCC
-0.3~17
V
ROVP voltage
VROVP
-0.3~6.5
V
Sense voltage
VCS
-0.3~6.5
V
DRAIN voltage
VDRAIN
-0.3~500
V
Junction temperature Range
Tj
-40~150
°C
Storage temperature Range
TS
-55~150
°C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 2 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com