Electronic Components Datasheet Search
  English  ▼

X  

74LV367D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV367D
Description  Hex buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV367D Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV367D Datasheet HTML 1Page - NXP Semiconductors 74LV367D Datasheet HTML 2Page - NXP Semiconductors 74LV367D Datasheet HTML 3Page - NXP Semiconductors 74LV367D Datasheet HTML 4Page - NXP Semiconductors 74LV367D Datasheet HTML 5Page - NXP Semiconductors 74LV367D Datasheet HTML 6Page - NXP Semiconductors 74LV367D Datasheet HTML 7Page - NXP Semiconductors 74LV367D Datasheet HTML 8Page - NXP Semiconductors 74LV367D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV367
Hex buffer/line driver (3-State)
1998 May 29
3
PIN CONFIGURATION
SV00650
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
1A
1Y
2A
2Y
3A
3Y
GND
4Y
4A
5Y
5A
6Y
6A
2OE
VCC
LOGIC SYMBOL
SV00651
3Y
7
4Y
9
5Y
11
6Y
13
6
10
1
12
14
1OE
1Y
3
2Y
5
2
3A
4A
6A
5A
1A
2A
4
15
2OE
LOGIC SYMBOL (IEEE/IEC)
SV00652
3
5
7
9
EN
EN
11
13
2
4
12
14
6
10
1
15
FUNCTIONAL DIAGRAM
SV00653
3Y
7
4Y
9
5Y
11
6Y
13
1OE
1Y
3
2Y
5
3A
4A
6A
5A
1A
2A
6
10
1
12
14
2
4
15
2OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com