Electronic Components Datasheet Search
  English  ▼

X  

LT1996CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LT1996CDD
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1996CDD Datasheet HTML 16Page - Linear Technology LT1996CDD Datasheet HTML 17Page - Linear Technology LT1996CDD Datasheet HTML 18Page - Linear Technology LT1996CDD Datasheet HTML 19Page - Linear Technology LT1996CDD Datasheet HTML 20Page - Linear Technology LT1996CDD Datasheet HTML 21Page - Linear Technology LT1996CDD Datasheet HTML 22Page - Linear Technology LT1996CDD Datasheet HTML 23Page - Linear Technology LT1996CDD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT1996
20
1996f
3V
1996 F15
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN–
VIN+
VIN–
VIN+
VIN–
VIN+
VIN–
VIN+
VEE
3V
3V
3V
3V
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = 0.97V TO 1.86V
VCM = 0.22V TO 3.5V
VCM = 1.11V TO 2V
VDM > 45mV
VCM = –.78V TO 1.67V
VDM <–45mV
1.25V
1.25V
1.25V
1.25V
VIN–
VIN+
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = 4V TO 7.26V
1.25V
VIN–
VIN+
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = –1.28V TO 6.8V
1.25V
VIN–
VIN+
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = 9.97V TO 18V
1.25V
VIN–
VIN+
3V
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = –17V TO –8.9V
1.25V
1.25V
VIN–
VIN+
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = –2V TO 8.46V
1.25V
VIN–
VIN+
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = 12.9V TO 23.4V
1.25V
VIN–
VIN+
3V
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = –23V TO –12.5V
1.25V
VIN–
VIN+
3V
3V
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VCM = –5V TO –1.74V
1.25V
Figure 15. Common Mode Ranges for Various LT1996 Difference Amp Configurations on VS = 3V, 0V, with Gain = 9
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com