Electronic Components Datasheet Search
  English  ▼

X  

LT1996CMS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1996CMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996CMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1996CMS Datasheet HTML 7Page - Linear Technology LT1996CMS Datasheet HTML 8Page - Linear Technology LT1996CMS Datasheet HTML 9Page - Linear Technology LT1996CMS Datasheet HTML 10Page - Linear Technology LT1996CMS Datasheet HTML 11Page - Linear Technology LT1996CMS Datasheet HTML 12Page - Linear Technology LT1996CMS Datasheet HTML 13Page - Linear Technology LT1996CMS Datasheet HTML 14Page - Linear Technology LT1996CMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1996
11
1996f
representation of the circuit on the top. The LT1996 is
shown on the bottom configured in a precision gain of 9.1.
One of the benefits of the noninverting op amp configura-
tion is that the input impedance is extremely high. The
LT1996 maintains this benefit. Given the finite number of
available feedback resistors in the LT1996, the number of
gain configurations is also finite. The complete list of such
Hi-Z input noninverting gain configurations is shown in
Table 1. Many of these are also represented in Figure 5 in
schematic form. Note that the P-side resistor inputs have
been connected so as to match the source impedance
seen by the internal op amp inputs. Note also that gain and
noise gain are identical, for optimal precision.
Table 1. Configuring the M Pins for Simple Noninverting Gains.
The P Inputs are driven as shown in the examples on the next
page
M81, M27, M9 Connection
Gain
M81
M27
M9
1
Output
Output
Output
1.08
Output
Output
Grounded
1.11
Output
Float
Grounded
1.30
Output
Grounded
Output
1.32
Float
Output
Grounded
1.33
Output
Grounded
Float
1.44
Output
Grounded
Grounded
3.19
Grounded
Output
Output
3.7
Float
Grounded
Output
3.89
Grounded
Output
Float
4.21
Grounded
Output
Grounded
9.1
Grounded
Float
Output
10
Float
Float
Grounded
11.8
Grounded
Grounded
Output
28
Float
Grounded
Float
37
Float
Grounded
Grounded
82
Grounded
Float
Float
91
Grounded
Float
Grounded
109
Grounded
Grounded
Float
118
Grounded
Grounded
Grounded
suggested in Figure 1: raise VREF, lower VEE, or provide
some negative VMORE.
Likewise, from the lower common mode extreme, making
the negative input more negative will raise the output
voltage, limited by VCC – 0.04V.
MIN VMORE = (VREF – VCC + 0.04V) • RG/RF
(should be negative)
Again, the additional input range calculated here is only
available provided the other remaining constraint is not
violated, the maximum voltage allowed on the pin.
The Classical Noninverting Amplifier: High Input Z
Perhaps the most common op amp configuration is the
noninverting amplifier. Figure 4 shows the textbook
Figure 4. The LT1996 as a Classical Noninverting Op Amp
APPLICATIO S I FOR ATIO
4pF
4pF
–
+
RF
RG
VIN
VIN
VOUT
VOUT
VOUT = GAIN • VIN
GAIN = 1 + RF/RG
–
+
1996 F04
450k/81
450k/27
450k/9
450k/81
450k/27
450k/9
450k
450k
8
6
5
9
10
1
2
3
LT1996
CLASSICAL NONINVERTING OP AMP CONFIGURATION.
YOU PROVIDE THE RESISTORS.
CLASSICAL NONINVERTING OP AMP CONFIGURATION
IMPLEMENTED WITH LT1991. RF = 45k, RG = 5.6k, GAIN = 9.1.
GAIN IS ACHIEVED BY GROUNDING, FLOATING OR FEEDING BACK
THE AVAILABLE RESISTORS TO ARRIVE AT DESIRED RF AND RG.
WE PROVIDE YOU WITH <0.1% RESISTORS.
4pF
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com