Electronic Components Datasheet Search
  English  ▼

X  

LT1996IMS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1996IMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996IMS Datasheet(HTML) 5 Page - Linear Technology

  LT1996IMS Datasheet HTML 1Page - Linear Technology LT1996IMS Datasheet HTML 2Page - Linear Technology LT1996IMS Datasheet HTML 3Page - Linear Technology LT1996IMS Datasheet HTML 4Page - Linear Technology LT1996IMS Datasheet HTML 5Page - Linear Technology LT1996IMS Datasheet HTML 6Page - Linear Technology LT1996IMS Datasheet HTML 7Page - Linear Technology LT1996IMS Datasheet HTML 8Page - Linear Technology LT1996IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1996
5
1996f
Supply Current vs Supply Voltage
Output Voltage Swing vs
Temperature
Output Voltage Swing vs Load
Current (Output Low)
Output Voltage Swing vs Load
Current (Output High)
Output Short-Circuit Current vs
Temperature
Input Offset Voltage vs
Difference Gain
TYPICAL PERFOR A CE CHARACTERISTICS (Difference Amplifier Configuration)
Note 4: Both the LT1996C and LT1996I are guaranteed functional over the
–40°C to 85°C temperature range.
Note 5: The LT1996C is guaranteed to meet the specified performance
from 0°C to 70°C and is designed, characterized and expected to meet
specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1996I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Input voltage range is guaranteed by the CMRR test at VS = ±15V.
For the other voltages, this parameter is guaranteed by design and through
correlation with the ±15V test. See the Applications Information section to
determine the valid input voltage range under various operating
conditions.
Note 8: Offset voltage, offset voltage drift and PSRR are defined as
referred to the internal op amp. You can calculate output offset as follows.
In the case of balanced source resistance, VOS, OUT = VOS • Noise Gain +
IOS • 450k + IB • 450k • (1 – RP/RN) where RP and RN are the total
resistance at the op amp positive and negative terminal respectively.
Note 9: Resistors connected to the minus inputs. Resistor matching is not
tested directly, but is guaranteed by the gain error test.
Note 10: Input impedance is tested by a combination of direct
measurements and correlation to the CMRR and gain error tests.
SUPPLY VOLTAGE (±V)
0
200
175
150
125
100
75
50
25
0
16
1996 G01
4
2
6
10
14
18
8
12
20
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (mA)
0
1400
1200
1000
800
600
400
200
VEE
1996 G03
2
10
9
8
7
6
5
1
34
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (mA)
VCC
–100
–200
–300
–400
–500
–600
–700
–800
–900
–1000
1996 G04
0123
4
5
67
8
9
10
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
TEMPERATURE (°C)
–50
25
20
15
10
5
0
0
50
75
1996 G05
–25
25
100
125
VS = 5V, 0V
SINKING
SOURCING
GAIN (V/V)
9
150
100
50
0
–50
–100
–150
108
81 90 99
117
45
1996 G06
18 27
72
63
54
36
VS = 5V, 0V
REPRESENTATIVE PARTS
TEMPERATURE (°C)
–50
100
1996 G02
050
60
40
20
VEE
–25
25
75
125
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
(RIGHT AXIS)
OUTPUT LOW
(LEFT AXIS)
VCC
–20
–40
–60
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com