Electronic Components Datasheet Search
  English  ▼

X  

70U40 Datasheet(PDF) 2 Page - International Rectifier

Part # 70U40
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70U40 Datasheet(HTML) 2 Page - International Rectifier

  70U40 Datasheet HTML 1Page - International Rectifier 70U40 Datasheet HTML 2Page - International Rectifier 70U40 Datasheet HTML 3Page - International Rectifier 70U40 Datasheet HTML 4Page - International Rectifier 70U40 Datasheet HTML 5Page - International Rectifier 70U40 Datasheet HTML 6Page - International Rectifier 70U40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
70/300U(R) Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number *
Code
peak reverse voltage
repetitive peak rev. voltage
TJ = 200°C
V
V
mA
10
100
200
20
200
300
40
400
500
60
600
720
80
800
960
100
1000
1200
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
TJ = 175°C
V
V
mA
5
50
100
40
10
100
200
40
20
200
300
40
30
300
400
40
40
400
500
40
60
600
720
40
80
800
960
35
100
1000
1200
30
ELECTRICAL SPECIFICATIONS
Voltage Ratings
70U
60
300U
I
F(AV)
Max. average forward current
250
300
A
180° conduction, half sine wave
@ Case temperature
150
130
°C
I
FSM
Max. peak, one-cycle forward,
6550
t = 10ms
No voltage
non-repetitive surge current
6850
t = 8.3ms
reapplied
5500
t = 10ms
100% V
RRM
5750
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
214
t = 10ms
No voltage
Initial T
J
= T
J
max.
195
t = 8.3ms
reapplied
151
t = 10ms
100% V
RRM
138
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2140
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Max. value of threshold
voltage
r
f
Max. value of forward slope
resistance
V
FM
Max. peak forward voltage
Parameter
70U
300U
Units
Conditions
Forward Conduction
KA2s
A
0.610
V
0.751
m
Ω
T
J = 200°C
--
1.40
V
(I
FM
x
π x I
F(AV)
(942A peak), T
J
= 25°C
1.30
--
V
(I
FM
x
π x I
F(AV)
(785A peak), T
J
= 25°C
* Also available as JEDEC series: 1N3735 through 1N3743; 1N2054 through 1N2068; 1N4044 through 1N4056.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com