Electronic Components Datasheet Search
  English  ▼

X  

74LV367DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV367DB
Description  Hex buffer/line driver 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV367DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV367DB Datasheet HTML 2Page - NXP Semiconductors 74LV367DB Datasheet HTML 3Page - NXP Semiconductors 74LV367DB Datasheet HTML 4Page - NXP Semiconductors 74LV367DB Datasheet HTML 5Page - NXP Semiconductors 74LV367DB Datasheet HTML 6Page - NXP Semiconductors 74LV367DB Datasheet HTML 7Page - NXP Semiconductors 74LV367DB Datasheet HTML 8Page - NXP Semiconductors 74LV367DB Datasheet HTML 9Page - NXP Semiconductors 74LV367DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV367
Hex buffer/line driver (3-State)
1998 May 29
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
–
50
–
–
–
t
/t
Propagation delay
Figure 1
2.0
–
17
32
–
39
ns
tPHL/tPLH
gy
nA to nY
Figure 1
2.7
–
13
24
–
29
ns
3.0 to 3.6
–
102
19
–
23
1.2
–
80
–
–
–
t
/t
3-State output
enable time
Figure 2
2.0
–
27
51
–
60
ns
tPZH/tPZL
enable time
nOE to nY
Figure 2
2.7
–
20
38
–
44
ns
3.0 to 3.6
–
152
30
–
36
1.2
–
90
–
–
–
t
/t
3-State output
disable time
Figure 2
2.0
–
32
59
–
70
ns
tPHZ/tPLZ
disable time
nOE to nY
Figure 2
2.7
–
24
44
–
52
ns
3.0 to 3.6
–
192
36
–
42
NOTES:
1. All typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3V
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5V * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V
VX = VOL 0.1VCC at VCC < 2.7V
VY = VOH – 0.3V at VCC w 2.7V
VY = VOH – 0.1VCC at VCC < 2.7V
VM
VM
nA INPUT
nY OUTPUT
GND
VOL
VI
VOH
tPLH
tPHL
SV00654
Figure 1. Input (nA) to output (nY) propagation delays.
OUTPUT
HIGH–to–OFF
OFF–to–HIGH
OUTPUT
LOW–to–OFF
OFF–to–LOW
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
VM
VM
nOE INPUT
SV00655
Figure 2. 3-State enable and disable times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com