Electronic Components Datasheet Search
  English  ▼

X  

TLWR9901 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLWR9901
Description  Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR9901 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLWR9901 Datasheet HTML 1Page - Vishay Siliconix TLWR9901 Datasheet HTML 2Page - Vishay Siliconix TLWR9901 Datasheet HTML 3Page - Vishay Siliconix TLWR9901 Datasheet HTML 4Page - Vishay Siliconix TLWR9901 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
TLWR990.
Document Number 83213
Rev. 1.6, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Forward Current vs. Pulse Length
0
25
50
75
100
125
150
175
200
0
20406080
100
120
Tamb – Ambient Temperature ( C )
15982
RthJA=200K/W
Red
0
20
40
60
80
100
0
20406080
100
120
Tamb – Ambient Temperature ( C )
15983
RthJA=200K/W
Red
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp – Pulse Length (ms)
10–5 10–4 10–3 10–2 10–1
100
101
102
0.005
0.05
0.5
16731
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Percentage Total Luminous Flux vs. Total Included Angle
for 90 ° emission angle
Figure 6. Thermal Resistance Junction Ambient vs. Cathode
Padsize
16200
0.4
0.2
0
0.2
0.4
0.6
0.6
0.9
0°
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
Angular Displacement
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
Total Included Angle (Degrees)
16201
160
170
180
190
200
210
220
230
0
50
100
150
200
250
300
Cathode Padsize in mm2
16009
Padsize 8 mm 2
per Anode Pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com