Electronic Components Datasheet Search
  English  ▼

X  

SC1308L Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC1308L
Description  CLASS AB STEREO HEADPHONE DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC1308L Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC1308L Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC1308L Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC1308L Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC1308L Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silan
Semiconductors
SC1308L
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.18
2
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Single power supply
2
3
4
Dual power supply
VDD
+1.0
+1.5
+2.0
V
Single power supply
0
0
0
Dual power supply
VSS
-1.0
-1.5
-2.0
V
Supply current
IDD
No load VDD=3V
--
2
--
mA
Power dissipation
PD
No load VDD=3V
15
mW
VDD=1.8V
--
4
--
THD=0.15%
VDD=3V
--
15
--
VDD=1.8V
--
5
--
Maximum output power
PO
THD=3%
VDD=3V
--
20
--
mW
VO(p-p)=2V
0.03
0.06
Total harmonic distortion
THD
VO(p-p)=2V , RL=5K
Ω
0.001
%
Single-to-noise ratio
S/N
100
110
dB
70
Channel separation
CS
RL=5K Ohms
105
dB
Power supply ripple
rejection
PSRR
F=100Hz,Vripple(p-p)=100mV
90
dB
PIN DESCRIPTION
PIN No.
Symbol
I/O
Description
1
OUT1
O
Output pin 1
2
IN1-
I
Inverting input pin 1
3
IN1+
I
Non-inverting input pin 1
4VSS
--
Negative power supply
5
IN2+
I
Non-inverting input pin 2
6
IN2-
I
Inverting input pin 2
7
OUT2
O
Output pin 2
8VDD
--
Positive power supply



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com