Electronic Components Datasheet Search
  English  ▼

X  

ADT7302 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7302
Description  짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7302 Datasheet HTML 2Page - Analog Devices ADT7302 Datasheet HTML 3Page - Analog Devices ADT7302 Datasheet HTML 4Page - Analog Devices ADT7302 Datasheet HTML 5Page - Analog Devices ADT7302 Datasheet HTML 6Page - Analog Devices ADT7302 Datasheet HTML 7Page - Analog Devices ADT7302 Datasheet HTML 8Page - Analog Devices ADT7302 Datasheet HTML 9Page - Analog Devices ADT7302 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADT7302
Preliminary Technical Data
Rev. PrE | Page 6 of 14
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
GND
TOP VIEW
(Not to Scale)
6
5
4
ADT7302
DIN
VDD
DOUT
CS
SCLK
Figure 4. SOT-23
1
2
3
4
NC
TOP VIEW
(Not to Scale)
8
7
6
5
ADT7302
DOUT
NC
GND
SCLK
VDD
DIN
CS
Figure 5. MSOP
Table 4. Pin Function Description
Mnemonic
SOT-23
Pin No.
Description
GND
1
Analog and Digital Ground.
DIN
2
Serial Data Input. Serial data to be loaded to the part’s control register is provided on this input. Data is clocked
into the control register on the rising edge of SCLK.
VDD
3
Positive Supply Voltage, 2.7 V to 5.5 V.
SCLK
4
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock data out of the
ADT7302’s temperature value register and to clock data into the ADT7302’s control register.
CS
5
Chip Select Input. Logic input. The device is selected when this input is low. The SCLK input is disabled when
this pin is high.
DOUT
6
Serial Data Output. Logic output. Data is clocked out of the temperature value register at this pin. Data is
clocked out on the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com