Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVRG4
Description  HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS2DBVRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373H – JULY 1999 – REVISED JULY 2006
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
RATINGS
Supply voltage range, VCC(2)
–0.5 V to 4 V
(A or B)
–0.5 V to 4 V
Input voltage range, VI
(D)
–0.5 V to VCC + 2 V
Output voltage, VO
(Y or Z)
–0.5 V to 4 V
Differential input voltage
SN65LVDT2 only
1 V
magnitude, |VID|
Receiver output current, IO
-12 mA to 12 mA
Human-body model electrostatic discharge, HBM ESD(3)
All pins
4000 V
Bus pins (A, B, Y, Z)
9000 V
Machine-model electrostatic discharge, MM ESD(4)
400 V
Field-induced-charge device model electrostatic discharge, FCDM ESD(5)
1500 V
Continuous total power dissipation, PD
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
(3)
Test method based upon JEDEC Standard 22, Test Method A114-A. Bus pins stressed with respect to GND and VCC separately.
(4)
Test method based upon JEDEC Standard 22, Test Method A114-A.
(5)
Test method based upon EIA-JEDEC JESD22-C101C.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C(1)
POWER RATING
D
725 mW
5.8 mW/
°C
402 mW
DBV
385 mW
3.1 mW/
°C
200 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-K) and with
no air flow.
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.4
3.3
3.6
V
VIH
High-level input voltage
2
5
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating free-air temperature
–40
85
°C
|VID|
Magnitude of differential input voltage
0.1
0.6
V
Input voltage (any combination of input or common-mode voltage)
0
VCC–0.8
V
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com