Electronic Components Datasheet Search
  English  ▼

X  

ADT7302ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7302ARMZ
Description  짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADT7302ARMZ Datasheet HTML 1Page - Analog Devices ADT7302ARMZ Datasheet HTML 2Page - Analog Devices ADT7302ARMZ Datasheet HTML 3Page - Analog Devices ADT7302ARMZ Datasheet HTML 4Page - Analog Devices ADT7302ARMZ Datasheet HTML 5Page - Analog Devices ADT7302ARMZ Datasheet HTML 6Page - Analog Devices ADT7302ARMZ Datasheet HTML 7Page - Analog Devices ADT7302ARMZ Datasheet HTML 8Page - Analog Devices ADT7302ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
±2°C Accurate, MicroPower Digital
Temperature Sensor in 6-Lead SOT-23
Preliminary Technical Data
ADT7302
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
13-bit temperature-to-digital converter
−40°C to +125°C operating temperature range
±2°C accuracy
0.03125°C temperature resolution
Shutdown current of 1 µA
Power dissipation of 0.631 mW at VDD = 3.3 V
SPI- and DSP-compatible serial interface
Shutdown mode
Space-saving SOT-23 and MSOP packages
APPLICATIONS
Medical equipment
Automotive:
Environmental controls
Oil temperature
Hydraulic systems
Cell phones
Hard disk drives
Personal computers
Electronic test equipment
Office equipment
Domestic appliances
Process control
FUNCTIONAL BLOCK DIAGRAM
SERIAL
BUS
INTERFACE
ADT7302
VDD
SCLK
DIN
DOUT
GND
13-BIT
ANALOG/DIGITAL
CONVERTER
TEMPERATURE
VALUE
REGISTER
BAND GAP
TEMPERATURE
SENSOR
CS
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADT7302 is a complete temperature monitoring system
available in SOT-23 and MSOP packages. It contains a band gap
temperature sensor and a 13-bit ADC to monitor and digitize
the temperature reading to a resolution of 0.03125°C.
The ADT7302 has a flexible serial interface that allows easy
interfacing to most microcontrollers. The interface is compat-
ible with SPI®, QSPI™, and MICROWIRE™ protocols as well as
DSPs. The part features a standby mode that is controlled via
the serial interface.
The ADT7302’s wide supply voltage range, low supply current,
and SPI compatible interface make it ideal for a variety of
applications, including personal computers, office equipment,
automotive, and domestic appliances.
PRODUCT HIGHLIGHTS
1.
The ADT7302 has an on-chip temperature sensor that
allows an accurate measurement of the ambient tempera-
ture. The measurable temperature range is −40°C to
+125°C.
2.
Supply voltage of 2.7 V to 5.5 V.
3.
Space-saving 6-lead SOT-23 and 8-lead MSOP packages.
4.
Temperature accuracy of ±2°C.
5.
13-bit temperature reading to 0.03125°C resolution.
6.
The ADT7302 features a shutdown mode that reduces the
power consumption to 4.88 µW with VDD = 3.3 V @ 1 SPS.


Similar Part No. - ADT7302ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARMZ AD-ADT7302ARMZ Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7302ARMZ AD-ADT7302ARMZ Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
ADT7302ARMZ-REEL7 AD-ADT7302ARMZ-REEL7 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
More results

Similar Description - ADT7302ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
짹2 C Accurate, Micropower Digital Temperature Sensor
10/05-Revision 0
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com