Electronic Components Datasheet Search
  English  ▼

X  

MP2307 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2307
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2307 Datasheet HTML 1Page - Monolithic Power Systems MP2307 Datasheet HTML 2Page - Monolithic Power Systems MP2307 Datasheet HTML 3Page - Monolithic Power Systems MP2307 Datasheet HTML 4Page - Monolithic Power Systems MP2307 Datasheet HTML 5Page - Monolithic Power Systems MP2307 Datasheet HTML 6Page - Monolithic Power Systems MP2307 Datasheet HTML 7Page - Monolithic Power Systems MP2307 Datasheet HTML 8Page - Monolithic Power Systems MP2307 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2307 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2307 Rev. 1.9
www.MonolithicPower.com
4
5/28/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1 = 2 x 10µF, C2 = 2 x 22µF, L= 10µH, CSS= 0.1µF, TA = +25°C, unless otherwise noted.
VIN
20mV/div.
VOUT
20mV/div.
VSW
10V/div.
IL
1A/div.
MP2307-TPC01
Steady State Test
Waveforms
VIN = 12V, VOUT = 3.3V, IOUT = 0A
VIN
200mV/div.
VOUT
20MV/div.
VSW
V/div.
IL
2A/div.
MP2307-TPC02
Steady State Test
Waveforms
VIN = 12V, VOUT = 3.3V, IOUT = 3A
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
2ms/div.
MP2307-TPC03
Startup through
Enable Waveforms
VIN = 12V, VOUT = 3.3V, No Load
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
2A/div.
2ms/div.
MP2307-TP04
Startup Through
Enable Waveforms
VIN = 12V, VOUT = 3.3V,
IOUT = 3A (Resistance Load)
VEN
5V/div.
VOUT
2V/div.
VSW
10V/div.
IL
1A/div.
2ms/div.
MP2307-TPC05
Shutdown Through
Enable Waveforms
VIN = 12V, VOUT = 3.3V, No Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
2A/div.
MP2307-TPC06
Shutdown Through
Enable Waveforms
VIN = 12V, VOUT = 3.3V,
IOUT = 3A (Resistance Load)
VOUT
200mV/div.
IL
1A/div.
ILOAD
1A/div.
MP2307 -TPC07
Load Transient Test
Waveforms
VIN = 12V, VOUT = 3.3V,
IOUT = 1A to 2A step
VOUT
2V/div.
IL
2A/div.
MP2307-TPC08
Short Circuit Test
Waveforms
VIN = 12V, VOUT = 3.3V
VOUT
2V/div.
IL
2A/div.
MP2307-TPC09
Short Circuit Recovery
Waveforms
VIN = 12V, VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com