| Electronic Components Datasheet Search |
|
OV7750 Datasheet(PDF) 13 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV7750 Datasheet(HTML) 13 Page - OmniVision Technologies, Inc. |
|
13 / 125 page ![]() 10.12.2015 PRODUCT SPECIFICATION proprietary to OmniVision Technologies 1-1 1 signal descriptions table 1-1 lists the signal descriptions and their corresponding pin numbers for the OV7750/OV7251 image sensor. The package information is shown in section 9. table 1-1 signal descriptions (sheet 1 of 2) pin number signal name pin type description A1 NC – no connect A3 VH reference internal analog reference A4 VN2 reference internal analog reference A5 AGND ground ground for analog circuit A6 NC – no connect A7 NC – no connect B2 VM reference internal analog reference B3 MDP I/O MIPI/LVDS data lane positive output B4 VN1 reference internal analog reference B5 AVDD power power for analog circuit B6 SIOD I/O SCCB data C2 EVDD power power for MIPI circuit (connect to DVDD outside of sensor) C3 MDN I/O MIPI/LVDS data lane negative output C4 SIOC input SCCB input clock C5 FSIN/VSYNC I/O FSIN input/ VSYNC output C6 ULPM output ULPM open-drain output D1 NC – no connect D2 EGND ground ground for MIPI circuit D3 MCP output MIPI/LVDS clock lane positive output D4 DGND ground ground for I/O and digital circuit D5 PWM I/O PWM output D6 XSHUTDOWN input reset (active low with internal pull down resistor) D7 NC – no connect E2 TM input test mode (active high with internal pull down resistor) E3 MCN output MIPI/LVDS clock lane negative output E4 DGND ground ground for I/O and digital circuit 13 Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |