Electronic Components Datasheet Search
  English  ▼

X  

PP75 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # PP75
Description  Powerpole® Connectors PP75 - Up to 120 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PP75 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  PP75 Datasheet HTML 1Page - Anderson Power Products, Inc. PP75 Datasheet HTML 2Page - Anderson Power Products, Inc. PP75 Datasheet HTML 3Page - Anderson Power Products, Inc. PP75 Datasheet HTML 4Page - Anderson Power Products, Inc. PP75 Datasheet HTML 5Page - Anderson Power Products, Inc. PP75 Datasheet HTML 6Page - Anderson Power Products, Inc. PP75 Datasheet HTML 7Page - Anderson Power Products, Inc. PP75 Datasheet HTML 8Page - Anderson Power Products, Inc. PP75 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 45 -
All Data Subject To Change Without Notice
www.andersonpower.com
ATTRIBUTES
PP75
AMP Rating AC/DC
75
Voltage Rating AC/DC (Steady State)
250 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
75 Amp / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
FINGER Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
16 mm²
Contact Series Tested
5900
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test-11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches - Dropped 8 Times
Temperature Range
-20°C to 105°C
-4°F to 221°F
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10
IEC INFORMATION
Connector Series
Configurations
Creepage / Clearance
per IEC 60950-1
Material
Group
PP75
Single Pole
Unmated
2.97 mm
IIIa
Mated
2.97 mm
Stacked Powerpole®
Unmated
2.97 mm
Mated
2.97 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com