Electronic Components Datasheet Search
  English  ▼

X  

1384 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 1384
Description  Powerpole® Connector PP180 - Up to 350 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1384 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  1384 Datasheet HTML 1Page - Anderson Power Products, Inc. 1384 Datasheet HTML 2Page - Anderson Power Products, Inc. 1384 Datasheet HTML 3Page - Anderson Power Products, Inc. 1384 Datasheet HTML 4Page - Anderson Power Products, Inc. 1384 Datasheet HTML 5Page - Anderson Power Products, Inc. 1384 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
- 54 -
All Data Subject To Change Without Notice
www.andersonpower.com
IEC INFORMATION
ATTRIBUTES
PP180
AMP Rating AC/DC
180
Voltage Rating AC/DC (Steady State)
500 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
180 Amp / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
FINGER Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
70 mm²
Contact Series Tested
1382G2
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test-11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000
Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches-
Dropped 8 times
Temperature Range
-20°C to 105°C
-4°F to 221°F
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
PP180
Single Pole
Unmated
6.02 mm
IIIa
Mated
6.02 mm
Stacked
Powerpole®
Unmated
6.02 mm
Mated
6.02 mm
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10
PP180 SPECIFICATIONS
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being
fully loaded.
1 - Based on: 105°C rated or better cable of the largest size, Properly
calibrated APP® recommended tooling, and a 25°C ambient temperature.
UL rating not to exceed the maximum operating temperature. CSA rating
below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect
the performance of our connectors along with UL and CSA recognition.
4 - Based on 2 housings blocked together.
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA
Singlepole (Wire-to-Wire) (3/0 AWG)
350
230
2x2 Block (Wire-to-Wire) (3/0 AWG)
350
Singlepole (Wire-to-Busbar) (1/0 AWG)
180
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
0.100
6” of 1/0 AWG Wire
UL Hot Plug Current Rating Amperes 4
250 Cycles at 120V DC
75A
MATERIALS
Housing
Plastic Resin
Polycarbonate
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 850°C (GWIT)
Contact
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp ³
Hand Solder
Wrench / Socket *
* Busbar Contacts Only
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
10 to 3/0
5.3 to 85
Max. Wire Insulation Diameter
in.
mm
0.900
22.860
Operating Temperature ²
°F
°C
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
N
Wire and Busbar Contacts
10,000
44
Avg. Mating / Unmating Force
Lbf.
N
Wire & Busbar Contacts
10
44
Min. Contact / Spring Retention Force
Lbf.
N
120
534



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com