Electronic Components Datasheet Search
  English  ▼

X  

261G2-LPBK Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 261G2-LPBK
Description  Powerpole® Connectors PP120 - Up to 240 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

261G2-LPBK Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  261G2-LPBK Datasheet HTML 1Page - Anderson Power Products, Inc. 261G2-LPBK Datasheet HTML 2Page - Anderson Power Products, Inc. 261G2-LPBK Datasheet HTML 3Page - Anderson Power Products, Inc. 261G2-LPBK Datasheet HTML 4Page - Anderson Power Products, Inc. 261G2-LPBK Datasheet HTML 5Page - Anderson Power Products, Inc. 261G2-LPBK Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 51 -
All Data Subject To Change Without Notice
www.andersonpower.com
A
B
[ 21.4 ]
0.84
ID
[ 8.4 ]
0.33
POWERPOLE® PP120 ACCESSORIES
Mounting Clamp
Mounting clamps can be used for fastening a block of Powerpole® 120 series housings to a
panel. Connector blocks must be a complete square for the clamps to work properly. Fastening
hardware not included.
Description
Part Numbers
Minimum Quantity
20 sets of 2
2 Pole
1464G1
3 Pole
1464G2
Retaining Pins
Retaining pins are used to keep stacked Powerpole® 120 series housings from
separating. Retaining pins are inserted in the circular opening between two
housings stacked side by side. Dimension B is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
Part Numbers
inches
mm
inches mm
Minimum Quantity
1,000
100
1 Block High
111812P7
110G19
0.196 / 0.207 4.98 / 5.26
0.560 14.220
2 Block High
111812P8
110G20
0.196 / 0.207 4.98 / 5.26
1.500 38.100
Reducing Bushings
Use with contact part number 1319-BK to allow a smaller wire to be used with the connector.
Electrical capability is derated with smaller wire.
Dimensions
Contact Barrel Size
Wire Size
- ID -
AWG mm²
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
2,000
1,000
100
2
33.6
4
21.2
5919-BK
-
5919 0.28
7.11
2
33.6
6
16
-
5920-BK
5920 0.23
5.84
2
33.6
10 to 8
5.3 to 8.4
5921-BK
5921 0.18
4.57
NOTE: Combination of a bushing and contact is not UL approved.
2 Pole
3 Pole
Panel
Mounting Clamp
For environmentally sealed connector shells to hold Powerpole®
15 to 180 connectors, see SPEC Pak® product series on our
website www.andersonpower.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com