Electronic Components Datasheet Search
  English  ▼

X  

75LOKRED Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 75LOKRED
Description  Powerpole® Connectors PP75 - Up to 120 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

75LOKRED Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  75LOKRED Datasheet HTML 1Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 2Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 3Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 4Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 5Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 6Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 7Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 8Page - Anderson Power Products, Inc. 75LOKRED Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 42 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 30.0 ]
1.18
[ 7.2 ]
0.28
[ 11.1 ]
0.44
[ 7.1 ]
0.28
A
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
See PCB contact
drawing on website
for further detail.
PP75 Housing
Standard
Powerclaw
Contact
Second housing and contact
in two pole version only.
[ 5.2 ]
0.20
[ 22.2 ]
0.87
[ 48.0 ]
1.89
[ 66.0 ]
2.60
[ 17.0 ]
0.67
[ 32.8 ]
1.29
[ 32.0 ]
1.26
[ 11.9 ]
0.47
"A"
[ 7.1 ]
0.28
[ 7.2 ]
Ø 0.28
Mated Length
[ 83.1 ]
3.20
PP75 Premate Ground Housings
Offers a first-mate, last-break connection when stacked together with PP75
housings. Stacks together with PP75 standard and chemical resistant housings.
Housings are mechanically keyed to prevent cross mating with power positions.
Description
Part Numbers
Minimum Quantity
1,000
100
Green
5927G6-BK
5927G6
PP75 Silver Plated Wire Contacts
Silver plated contacts offer the best electrical performance and durability up to
10,000 mating cycles. See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
Part Numbers
inches mm
Minimum Quantity
1,000
100
6
13.3
Low
1307-BK 1307
0.22
5.59
6
13.3
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-BK 5952
0.19
4.83
12 to 10
3.3 to 5.3 Low
5953-BK 5953
0.14
3.56
12 to 10
3.3 to 5.3 High
5915-BK 5915
0.14
3.56
PP75 Premate Ground Wire Contacts
Silver plated contacts for use with the PP75 Premate Ground Housing. Rated to
10,000 mating cycles.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
1,000
100
Individual
6
13.3
1875G1-BK 1875G1
0.22
5.59
Individual
8
8.4
1875G2-BK 1875G2
0.19
4.83
Individual
12 to 10
3.3 to 5.3 1875G3-BK 1875G3
0.14
3.56
PP75 Silver Plated Busbar Contacts
Provide a quick disconnect input or output busbar connection. Busbar contacts are
for mating with wire contacts only. Part number 75BBS includes lock nuts. Locknuts
must be ordered separately for B01915P1.
Mating
Type
Thread
Force
Part Numbers
Minimum Quantity
1,000
20
10
Busbar
10-24
High
B01915P1
-
75BBS
Lock Nut 10-24
-
H1216P8
110G54
-
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a PP75 housing and
provide a color-coded right angle connection to the PCB.
Description
Loose Piece Part Numbers
Minimum Quantity
500
100
Tin Plated
PC5930T-BK
PC5930T
Silver Plated
PC5930S-BK
PC5930S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com