Electronic Components Datasheet Search
  English  ▼

X  

NVSW519A Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW519A
Description  SPECIFICATIONS FOR WHITE LED
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW519A Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW519A Datasheet HTML 1Page - NICHIA CORPORATION NVSW519A Datasheet HTML 2Page - NICHIA CORPORATION NVSW519A Datasheet HTML 3Page - NICHIA CORPORATION NVSW519A Datasheet HTML 4Page - NICHIA CORPORATION NVSW519A Datasheet HTML 5Page - NICHIA CORPORATION NVSW519A Datasheet HTML 6Page - NICHIA CORPORATION NVSW519A Datasheet HTML 7Page - NICHIA CORPORATION NVSW519A Datasheet HTML 8Page - NICHIA CORPORATION NVSW519A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
NICHIA STS-DA1-6102D <Cat.No.210816>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
2200
mA
Pulse Forward Current
IFP
2400
mA
ESD Withstand Voltage (HBM)
VESD
8
kV
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
7.04
W
Operating Temperature
Topr
-40~105
°C
Storage Temperature
Tstg
-40~105
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TJ=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* For IF and IFP, see the "DERATING CHARACTERISTICS" of this specification.
* HBM ESD Component Classification Level of the LEDs: Class 3B
For more details, see ANSI/ESDA/JEDEC JS-001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com