Electronic Components Datasheet Search
  English  ▼

X  

TC4420CAT Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4420CAT
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420CAT Datasheet(HTML) 5 Page - Microchip Technology

  TC4420CAT Datasheet HTML 1Page - Microchip Technology TC4420CAT Datasheet HTML 2Page - Microchip Technology TC4420CAT Datasheet HTML 3Page - Microchip Technology TC4420CAT Datasheet HTML 4Page - Microchip Technology TC4420CAT Datasheet HTML 5Page - Microchip Technology TC4420CAT Datasheet HTML 6Page - Microchip Technology TC4420CAT Datasheet HTML 7Page - Microchip Technology TC4420CAT Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
6A HIGH-SPEED MOSFET DRIVERS
TC4420
TC4429
TC4420/9-6 10/18/96
© 2001 Microchip Technology Inc.
DS21419A
2.5
2
1.5
1
59
13
V
(V)
DD
Low-State Output Resistance
100 mA
50 mA
10 mA
711
15
200
160
120
80
40
0
56
7
11
13
15
Effect of Input Amplitude
on Propagation Delay
LOAD = 2200 pF
INPUT 2.4V
INPUT 3V
INPUT 5V
INPUT 8V AND 10V
8
9
10
12
14
V
(V)
DD
4
3
2
1
0
56
7
11
13
15
Total nA•S Crossover*
8
9
10
12
14
SUPPLY VOLTAGE (V)
5
4
3
2
59
13
V
(V)
DD
High-State Output Resistance
100 mA
50 mA
10 mA
711
15
The values on this graph represent
the loss seen by the driver during
one complete cycle. For a single
transition, divide the value by 2.
*
TYPICAL CHARACTERISTICS (Cont.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com