Electronic Components Datasheet Search
  English  ▼

X  

262G1 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 262G1
Description  Powerpole® Connector PP180 - Up to 350 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

262G1 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  262G1 Datasheet HTML 1Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 2Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 3Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 4Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 5Page - Anderson Power Products, Inc. 262G1 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 55 -
All Data Subject To Change Without Notice
www.andersonpower.com
POWERPOLE® PP180 ACCESSORIES
Panel
Mounting Clamp
2 Pole
3 Pole
A
B
Mounting Clamp
Mounting clamps can be used for fastening a block of
Powerpole® 180 series housings to a panel. Connector
blocks must be a complete square for the clamps to work
properly. Fastening hardware not included.
Description
Part Numbers
Minimum Quantity
20 sets of 2
2 Pole
1465G1
3 Pole
1465G2
Retaining Pins
Retaining pins are used to keep stacked Powerpole® 180 series housings from separating.
Retaining pins are inserted in the circular opening between two housings stacked side by side.
Dimension “B” is +/- .015 in or .38 mm.
Dimensions
- A -
- B -
Description
Part Numbers
inches
mm
Minimum Quantity
1,000
100
1 Block High
111812P6
110G18
0.196 / 0.207 4.98 / 5.26
1.000 25.400
2 Block High
111812P8
110G20
0.196 / 0.207 4.98 / 5.26
1.500 38.100
Reducing Bushings
Use with contact part number 1382-BK to allow a smaller wire to be used with the connector. Electrical
capability is derated with smaller wire.
Dimensions
Contact Barrel Size
Wire Size
- ID -
AWG
mm²
AWG
mm²
Part Numbers
inches mm
Minimum Quantity
1,500
1,000
500
100
1/0
53.5
1
42.4
-
-
5687-BK
5687 0.39 9.91
1/0
53.5
2
33.6
5690-BK
-
-
5690
0.34 8.64
1/0
53.5
4
21.2
-
5693-BK
-
5693
0.27 6.86
1/0
53.5
6
13.3
-
5663-BK
-
5663
0.22 5.59
1/0
53.5
10 to 8
5.3 to 8.4
5648-BK
-
-
5648
0.19 4.83
NOTE: Combination of a bushing and contact is not UL approved.
ID
Wire Entrance
[ 25.4 ]
1.0
For environmentally sealed connector shells to hold Powerpole®
15 to 180 connectors, see SPEC Pak® product series on our
website www.andersonpower.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com