Electronic Components Datasheet Search
  English  ▼

X  

MLX90372 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90372
Description  Daughter Board for Melexis PTC devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90372 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90372 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90372 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PTC04-DB-HALL06
Daughter Board for Melexis PTC devices
REVISION 7 – 20 December 2021
Datasheet
Page 13 of 23
3901290014503
Daughter Board for Melexis PTC devices
PTC04
90371
90372
90364
90366
90421
90422
90372
D-SUB 25
DMP#1
DMP#2
Pin
Names
Description
Pin
PIN
1
VDDA
Supply Device A (Minimum required single die connection)
2
3
2
OUT1A
Output 1 Device A (Minimum required single die connection)
3
1
3
OUT2A
Output 2 Device A
4
VSSA
Analog Ground Device A (Minimum required single die connection)
4
2
5
VDDB
Supply Device B (Minimum required dual die connection
6)
6
OUT1B
Output 1 Device B (Minimum required dual die connection)
7
OUT2B
Output 2 Device B
8
VSSB
Analog Ground Device B (Minimum required dual die connection)
9
SPI CLOCK
10
V_BAT
Programmable power supply (Max 30mA load)
11
M2S
Digital IO
12
SCL
I2C communication
13
+5Vdig
Digital supply used for I2C devices
14
VDDA_S
Sensing Supply Device A
2
3
15
OUT1A_S
Sensing Output 1 Device A
3
1
16
OUT2A_S
Sensing Output 2 Device A
17
VSSA_S
Sensing Analog Ground Device A
4
2
18
VDDB_S
Sensing Supply Device B
19
OUT1B_S
Sensing Output 1 Device B
20
OUT2B_S
Sensing Output 2 Device B
21
VSSB_S
Sensing Analog Ground Device B
22
DB_TEST
Free measuring line
23
S2M
Digital IO
24
SDA
I2C communication
25
DGND
Digital ground for I2C communication
MH
AGND
Metal Housing (shielding of the connector)
6 In case of a dual die connection with a common supply in the application (common VDD), only the VDDA pin of the
daughter board device connector needs to be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com