Electronic Components Datasheet Search
  English  ▼

X  

SAM4E Datasheet(PDF) 18 Page - ATMEL Corporation

Part # SAM4E
Description  SAM4E Microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 14Page - ATMEL Corporation SAM4E Datasheet HTML 15Page - ATMEL Corporation SAM4E Datasheet HTML 16Page - ATMEL Corporation SAM4E Datasheet HTML 17Page - ATMEL Corporation SAM4E Datasheet HTML 18Page - ATMEL Corporation SAM4E Datasheet HTML 19Page - ATMEL Corporation SAM4E Datasheet HTML 20Page - ATMEL Corporation SAM4E Datasheet HTML 21Page - ATMEL Corporation SAM4E Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
SAM4E-EK Evaluation Kit [USER GUIDE]
Atmel-42067C-SAM4E-EK_UserGuide_022016
1
8
18
4.3.15 USB Device
The SAM4E16 UDP port is compliant with the Universal Serial Bus (USB) rev 2.0 Full Speed device
specification. J34 is a micro B-type receptacle for USB device.
Both 27Ω resistors R96 and R97 build up 90Ω differential impedance together with the (embedded) 6Ω
output impedance of the SAM4E16 full speed channel drivers.
R93 and R94 build up a divider bridge from VBUS +5V to implement plug-in detection (5V level gets
lowered to a PIO compatible 3.3V level) through PC21.
Figure 4-15.
USB
4.3.16 Analog Interface
4.3.16.1
Analog Reference
The 3.0V voltage reference is based on a LM4040 (Precision Micropower Shunt Voltage Reference).
This ADVREF level can be set as 3.0V or 3.3V via the jumper J2.
Figure 4-16.
Analog VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com