Electronic Components Datasheet Search
  English  ▼

X  

PZ11 Datasheet(PDF) 2 Page - Relpol S.A.

Part # PZ11
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

PZ11 Datasheet(HTML) 2 Page - Relpol S.A.

  PZ11 Datasheet HTML 1Page - Relpol S.A. PZ11 Datasheet HTML 2Page - Relpol S.A. PZ11 Datasheet HTML 3Page - Relpol S.A. PZ11 Datasheet HTML 4Page - Relpol S.A. PZ11 Datasheet HTML 5Page - Relpol S.A. PZ11 Datasheet HTML 6Page - Relpol S.A. PZ11 Datasheet HTML 7Page - Relpol S.A. PZ11 Datasheet HTML 8Page - Relpol S.A. PZ11 Datasheet HTML 9Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
2
Plug-in sockets and accessories
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20. ❷ In the bracket the height of
socket with retainer / retractor clip is shown.
❸
For RM85, RM85 inrush, RM85 105 °C sensitive, RMB851: loads above 12 A (GZT80, GZM80) or 10 A (GZS80,
GZMB80) require bridging pairs of terminals: 11 with 21, 12 with 22, 14 with 24 - see www.relpol.com.pl; For RMB841, RMB851 - see www.relpol.com.pl (energizing
of bistable relays)
EC 50
For RM84, RM85, RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive,
RM83, RM94
For PCB
31,3 x 12,7 x 9 mm
Two poles, 5 mm pinout
8 A, 300 V AC
Accessories
Dimensions
PW80
For RM84, RM85, RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive,
RM83, RM94
For PCB
34,6 x 12,9 x 6,6 mm
Two poles, 5 mm pinout
8 A, 250 V AC
Dimensions
Accessories
Pinout
Pinout
GD-0025
MH16-2
MH25-2
MP16-2
MP25-2
RM81-0001
GD-0025
MH16-2
MH25-2
RM81-0001
45,2
69
27
16
7,6
36
GZMB80-0040
GZMB80
For RM84, RM85,
RM85 inrush,
RM85 105 °C sensitive,
RMB841, RMB851,
RM87L, RM87L sensitive,
RM87P, RM87P sensitive
Spring terminals
Max. cross section
of the cables:
1 x 0,2...1,5 mm2
(1 x 24...16 AWG)
Length of the cable
deinsulation: 9...11 mm
35 mm rail mount
acc. to PN-EN 60715
97 x 16 x 45,2(69) mm ❷
Two poles, 5 mm pinout
10 A, 300 V AC
Dimensions
Connection diagrams ❸
Accessories ❶
GZM80-0041
Module type M...
Wire connection
TR
The drawings present the sequence of operations in
course of inserting wires to the spring terminal, and
the recommended screwdriver to be used for opening
of case springs, comply with the DIN 5264 FORM „A”.
NC
COM
NO
COIL
RM84
RM87L
RM87P
RM85
RM85 inrush
RM85 105 °C sensitive
RMB851
RMB841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com