Electronic Components Datasheet Search
  English  ▼

X  

B35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B35
Description  Bluetooth Digital Multimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B35 Datasheet HTML 1Page - List of Unclassifed Manufacturers B35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
…...………………..…………………………………………………………………………………………………………………………………………
…...………………..…………………………………………………………………………………………………………………………………………
Fujian Lilliput Optoelectronics Technology Co., Ltd
Web: www.owon.com.cn / www.owontme.com E-mail: info@owon.com.cn Facebook: fb.me/owontech
Shift Rate on DMM
3 times / s
Shift Rate on App
2 times / s
Simulated Chart
Shift Rate on DMM
30 times / s
Auto Ranging
√
Max / Min Value
√
Offline Recording
Function
available in B35+, and B35T+
Bluetooth Module
available in B35, B35+, B35T and
B35T+
Recording Duration
168 hours (7 days)
Record Length
10,000 points
True RMS
available in D35T, B35T, and B35T+
LCD Backlight
√
Simulated Chart
√
Diode Test
√
Input Protection
√
Audion Test
√
Input Impedance
10MΩ
Auto Power-off
√
LCD Size
69 x 52 mm
On-off Warning
√
Display Area
67 x 46 mm (effective area 66 x 45
mm)
Low-battery Indicator
√
Battery
3V (2.5V x 2)
Data Hold
√
Dimension (W x H x D) 85 x 185 x 30 (mm)
Relative Measurement
√
Device Weight
0.32 kg
Specifications subject to change without prior notice.
+Application
electronic circuit debugging
circuit testing
design and manufacture
education and training
automobile maintenance and testing
+Accessories The accessories subject to final delivery.
Multimeter
K-type
Manual
Lead
Thermocouple
optional accessories:
Alligator Clip
Multi-function
Soft Bag
Test Bench
Mobile app accessible via
scanning QR code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com