Electronic Components Datasheet Search
  English  ▼

X  

G2M Datasheet(PDF) 6 Page - Relpol S.A.

Part # G2M
Description  Plug-in sockets and accessories
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RELPOL [Relpol S.A.]
Direct Link  https://www.relpol.pl/
Logo RELPOL - Relpol S.A.

G2M Datasheet(HTML) 6 Page - Relpol S.A.

Back Button G2M Datasheet HTML 2Page - Relpol S.A. G2M Datasheet HTML 3Page - Relpol S.A. G2M Datasheet HTML 4Page - Relpol S.A. G2M Datasheet HTML 5Page - Relpol S.A. G2M Datasheet HTML 6Page - Relpol S.A. G2M Datasheet HTML 7Page - Relpol S.A. G2M Datasheet HTML 8Page - Relpol S.A. G2M Datasheet HTML 9Page - Relpol S.A. G2M Datasheet HTML 10Page - Relpol S.A. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
6
Plug-in sockets and accessories
❶
Mounting and sub-assemblies of accessories in the socket - see page 9. Signalling / protecting modules type M... - see page 20.
❷
In the bracket the height of socket with retainer / retractor clip is shown.
G4/2
For R2N
Solder terminals
40,5 x 21,5 x 18,1 mm
Two poles
12 A, 250 V AC
Pinout of openings on panel mounting
Accessories
Dimensions
G4 1053
SU4/2D
For R2N
For PCB
29,6 x 21,5 x 11 mm
Two poles
12 A, 250 V AC
Pinout
Accessories
SU4/2L
For R2N
Solder terminals
29,6 x 21,5 x 18,1 mm
Two poles
12 A, 250 V AC
Dimensions of opening on panel mounting
Accessories
Dimensions
Dimensions
G4 1053
G4 1040
G4 1053
GZT3
For R3N
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
76,3 x 27 x 42,5(80) mm ❷
Three poles
10 A, 300 V AC
Dimensions
Connection diagram
Accessories ❶
NC
COM
NO
COIL
GZT4-0035
Module type M...
G4 1052
GZT4-0040
ZGGZ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com